Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 52Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 53Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 54Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 55Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 56Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 57Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 58Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 59Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
56
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Table 11 shows typical maximum ambient temperatures in degrees Centigrade for a PQFP package used with a
2-layer board. The typical ambient temperatures are based on a 100-degree Centigrade maximum case tempera-
ture. Figure 17 illustrates the typical temperatures in Table 11.
Table 11.
Typical Ambient Temperatures for PQFP with 2-Layer Board
Figure 17.
Typical Ambient Temperatures for PQFP with 2-Layer Board
Microcontroller
Speed
Typical Power
(Watts)
Linear Feet per Minute Airflow
0 fpm
200 fpm
400 fpm
600 fpm
40 MHz
1.239
52.918
60.352
65.308
67.786
33 MHz
1.07085
59.3077
65.7328
70.0162
72.1579
25 MHz
0.81125
69.1725
74.04
77.285
78.9075
20 MHz
0.649
75.338
79.232
81.828
83.126
Airflow (Linear Feet Per Minute)
0 fpm
200 fpm
400 fpm
600 fpm
q 40 MHz
s 20 MHz
x 25 Mhz
H 33 MHz
Legend:
40
50
60
70
80
90
q
q
q
q
I
I
I
I
x
x
x
x
s
s
s
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com