Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 27Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 28Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 29Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 30Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 31Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 32Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 33Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 34Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
31
P R E L IMINAR Y
RD
Read Strobe (output, synchronous, three-state)
This pin indicates to the system that the microcontroller
is performing a memory or I/O read cycle. RD is guar-
anteed not to be asserted before the address and data bus
is floated during the address-to-data transition. RD floats
during a bus hold condition.
RES
Reset (input, asynchronous, level-sensitive)
This pin requires the microcontroller to perform a reset.
When RES is asserted, the microcontroller immediately
terminates its present activity, clears its internal logic, and
CPU control is transferred to the reset address FFFF0h.
RES must be held Low for at least 1 ms.
RES can be asserted asynchronously to CLKOUTA
because RES is synchronized internally. For proper ini-
tialization, VCC must be within specifications, and CLK-
OUTA must be stable for more than four CLKOUTA
periods during which RES is asserted.
The microcontroller begins fetching instructions ap-
proximately 6.5 CLKOUTA periods after RES is deas-
serted. This input is provided with a Schmitt trigger to
facilitate power-on RES generation via an RC network.
RFSH2/ADEN
(Am188EM Microcontroller Only)
Refresh 2 (three-state, output, synchronous)
Address Enable (input, internal pullup)
RFSH2—Asserted Low to signify a DRAM refresh bus
cycle. The use of RFSH2/ADEN to signal a refresh is
not valid when PSRAM mode is selected. Instead, the
MCS3/RFSH signal is provided to the PSRAM.
ADEN—If RFSH2/ADEN is held High or left floating on
power-on reset, the AD bus (AO15–AO8 and AD7–
AD0) is enabled or disabled during the address portion
of LCS and UCS bus cycles based on the DA bit in the
LMCS and UMCS registers. If the DA bit is set, the
memory address is accessed on the A19–A0 pins. This
mode of operation reduces power consumption. For
more information, see the “Bus Operation” section on
page 37. There is a weak internal pullup resistor on
RFSH2/ADEN so no external pullup is required.
If RFSH2/ADEN is held Low on power-on reset, the AD
bus drives both addresses and data regardless of the DA
bit setting. The pin is sampled one crystal clock cycle after
the rising edge of RES. RFSH2/ADEN is three-stated
during bus holds and ONCE mode.
RXD/PIO28
Receive Data (input, asynchronous)
This pin supplies asynchronous serial receive data
from the system to the internal UART of the microcon-
troller.
S2–S0
Bus Cycle Status (output, three-state,
synchronous)
These pins indicate to the system the type of bus cycle
in progress. S2 can be used as a logical memory or I/O
indicator, and S1 can be used as a data transmit or receive
indicator. S2–S0 float during bus hold and hold acknowl-
edge conditions. The S2–S0 pins are encoded as shown
in Table 4.
Table 4.
Bus Cycle Encoding
S6/CLKDIV2/PIO29
Bus Cycle Status Bit 6 (output, synchronous)
Clock Divide by 2 (input, internal pullup)
S6—During the second and remaining periods of a
cycle (t2, t3, and t4), this pin is asserted High to indicate
a DMA-initiated bus cycle. During a bus hold or reset
condition, S6 floats.
CLKDIV2—If S6/CLKDIV2/PIO29 is held Low during
power-on reset, the chip enters clock divided by 2
mode where the processor clock is derived by dividing
the external clock input by 2. If this mode is selected,
the PLL is disabled. The pin is sampled on the rising
edge of RES.
If S6 is to be used as PIO29 in input mode, the device
driving PIO29 must not drive the pin Low during power-
on reset. S6/CLKDIV2/PIO29 defaults to a PIO input with
pullup, so the pin does not need to be driven High exter-
nally.
S2
S1
S0
Bus Cycle
0
0
0
Interrupt acknowledge
0
0
1
Read data from I/O
0
1
0
Write data to I/O
0
1
1
Halt
1
0
0
Instruction fetch
1
0
1
Read data from memory
1
1
0
Write data to memory
1
1
1
None (passive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com