Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 55Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 56Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 57Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 58Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 59Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 60Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 61Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 62Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
59
P R E L IMINAR Y
Table 14 shows typical maximum ambient temperatures in degrees Centigrade for a TQFP package used with a
4-layer to 6-layer board. The typical ambient temperatures are based on a 100-degree Centigrade maximum case
temperature. Figure 20 illustrates the typical temperatures in Table 14.
Table 14.
Typical Ambient Temperatures for TQFP with 4-Layer to 6-Layer Board
Figure 20.
Typical Ambient Temperatures for TQFP with 4-Layer to 6-Layer Board
Microcontroller
Speed
Typical Power
(Watts)
Linear Feet per Minute Airflow
0 fpm
200 fpm
400 fpm
600 fpm
40 MHz
1.239
70.264
72.742
75.22
77.698
33 MHz
1.07085
74.2996
76.4413
78.583
80.7247
25 MHz
0.81125
80.53
82.1525
83.775
85.3975
20 MHz
0.649
84.424
85.722
87.02
88.318
0 fpm
200 fpm
400 fpm
600 fpm
70
75
80
85
90
95
q 40 MHz
s 20 MHz
x 25 Mhz
H 33 MHz
Legend:
Airflow (Linear Feet Per Minute)
q
q
q
q
I
I
I
I
x
x
x
x
s
s
s
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com