Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 47Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 48Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 49Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 50Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 51Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 52Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 53Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 54Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
51
P R E L IMINAR Y
ABSOLUTE MAXIMUM RATINGS
Storage temperature
Am186EM/Am188EM ..................... –65
°C to +125°C
Am186EMLV/Am188EMLV............. –65
°C to +125°C
Voltage on any pin with respect to ground
Am186/188EM ........................... –0.5 V to Vcc +0.5 V
Am186/188EMLV ....................... –0.5 V to Vcc +0.5 V
Note: Stresses above those listed under Absolute
Maximum Ratings may cause permanent device failure.
Functionality at or above these limits is not implied. Ex-
posure to absolute maximum ratings for extended peri-
ods may affect device reliability.
OPERATING RANGES
Operating Ranges define those limits between which
the functionality of the device is guaranteed.
Am186EM/Am188EM Microcontrollers
Commercial (TC) .................................0°C to +100°C
Industrial* (TA)...................................–40°C to +85°C
VCC up to 33 MHz ..................................... 5 V ± 10%
VCC greater than 33 MHz............................ 5 V ± 5%
Am186EMLV/Am188EMLV Microcontrollers
Commercial (TA) ................................... 0°C to +70°C
VCC up to 25 MHz ................................. 3.3 V ± 0.3 V
Where:
TC = case temperature
TA = ambient temperature
*Industrial versions of Am186EM and Am188EM microcontrol-
lers are available in 20 and 25 MHz operating frequencies
only.
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGE
Notes:
a
The LCS/ONCE0, MCS3–MCS0, UCS/ONCE1, and RD pins have weak internal pullup resistors. Loading the LCS/ONCE0 and
UCS/ONCE1
pins in excess of IOH= –200 µA during reset can cause the device to go into ONCE mode.
b
Current is measured with the device in RESET with X1 and X2 driven, and all other non-power pins open but held High or Low.
c
Power supply current for the Am186EMLV and Am188EMLV microcontrollers, which are available in 20 and 25 MHz
operating frequencies only.
d
Testing is performed with the pins floating, either during HOLD or by invoking the ONCE mode.
Preliminary
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VIL
Input Low Voltage (Except X1)
–0.5
0.8
V
VIL1
Clock Input Low Voltage (X1)
–0.5
0.8
V
VIH
Input High Voltage (Except RES and X1)
2.0
VCC + 0.5
V
VIH1
Input High Voltage (RES)
2.4
VCC + 0.5
V
VIH2
Clock Input High Voltage (X1)
VCC – 0.8
VCC + 0.5
V
VOL
Output Low Voltage
Am186EM and Am188EM
IOL= 2.5 mA (S2–S0)
IOL= 2.0 mA (others)
0.45
V
Am186EMLV and Am188EMLV
IOL= 1.5 mA (S2–S0)
IOL= 1.0 mA (others)
0.45
V
VOH
Output High Voltage(a)
Am186EM and Am188EM
IOH= –2.4 mA @ 2.4 V
2.4
VCC +0.5
V
IOH= –200 µA @ VCC –0.5
VCC –0.5
VCC
V
Am186EMLV and Am188EMLV
IOH= –200 µA @ VCC –0.5
VCC –0.5
VCC
V
ICC
Power Supply Current @ 0
°C
Am186EM and Am188EM
VCC = 5.5 V
(b)
5.9
mA/
MHz
Am186EMLV and Am188EMLV
VCC = 3.6 V
(b)
2.75
mA/
MHz
VOL
Output Low Voltage
IOL = 2.5 mA (S2–S0)
IOL = 2.0 mA (others)
0.45
V
ILI
Input Leakage Current @ 0.5 MHz
0.45 V
≤ V
IN ≤ VCC
±10
µA
ILO
Output Leakage Current @ 0.5 MHz
0.45 V
≤ V
OUT ≤ VCC
(d)
±10
µA
VCLO
Clock Output Low
ICLO = 4.0 mA
0.45
V
VCHO
Clock Output High
ICHO = –500 µA
VCC – 0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com