Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 58Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 59Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 60Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 61Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 62Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 63Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 64Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 65Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
62
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Numerical Key to Switching Parameter Symbols
Note:
The following parameters are not defined or used at this time: 41, 56, 60, 73, 74, and 76.
Number
Parameter
Symbol
Description
Number
Parameter
Symbol
Description
1
tDVCL
Data in Setup
43
tCLCH
CLKOUTA Low Time
2
tCLDX
Data in Hold
44
tCHCL
CLKOUTA High Time
3
tCHSV
Status Active Delay
45
tCH1CH2
CLKOUTA Rise Time
4
tCLSH
Status Inactive Delay
46
tCL2CL1
CLKOUTA Fall Time
5
tCLAV
AD Address Valid Delay
47
tSRYCL
SRDY Transition Setup Time
6
tCLAX
Address Hold
48
tCLSRY
SRDY Transition Hold Time
7
tCLDV
Data Valid Delay
49
tARYCH
ARDY Resolution Transition Setup Time
8
tCHDX
Status Hold Time
50
tCLARX
ARDY Active Hold Time
9
tCHLH
ALE Active Delay
51
tARYCHL
ARDY Inactive Holding Time
10
tLHLL
ALE Width
52
tARYLCL
ARDY Setup Time
11
tCHLL
ALE Inactive Delay
53
tINVCH
Peripheral Setup Time
12
tAVLL
AD Address Valid to ALE Low
54
tINVCL
DRQ Setup Time
13
tLLAX
AD Address Hold from ALE
Inactive
55
tCLTMV
Timer Output Delay
14
tAVCH
AD Address Valid to Clock High
57
tRESIN
RES Setup Time
15
tCLAZ
AD Address Float Delay
58
tHVCL
HOLD Setup
16
tCLCSV
MCS/PCS Active Delay
59
tRHDX
RD High to Data Hold on AD Bus
17
tCXCSX
MCS/PCS Hold from Command
Inactive
61
tLOCK
Maximum PLL Lock Time
18
tCHCSX
MCS/PCS Inactive Delay
62
tCLHAV
HLDA Valid Delay
19
tDXDL
DEN Inactive to DT/R Low
63
tCHCZ
Command Lines Float Delay
20
tCVCTV
Control Active Delay 1
64
tCHCV
Command Lines Valid Delay (after Float)
21
tCVDEX
DEN Inactive Delay
65
tAVWL
A Address Valid to WR Low
22
tCHCTV
Control Active Delay 2
66
tAVRL
A Address Valid to RD Low
23
tLHAV
ALE High to Address Valid
67
tCHCSV
CLKOUTA High to LCS/UCS Valid
24
tAZRL
AD Address Float to RD Active
68
tCHAV
CLKOUTA High to Address Valid
25
tCLRL
RD Active Delay
69
tCICOA
X1 to CLKOUTA Skew
26
tRLRH
RD Pulse Width
70
tCICOB
X1 to CLKOUTB Skew
27
tCLRH
RD Inactive Delay
71
tCLEV
CLKOUTA Low to SDEN Valid
28
tRHLH
RD Inactive to ALE High
72
tCLSL
CLKOUTA Low to SCLK Low
29
tRHAV
RD Inactive to AD address Active
75
tDVSH
Data Valid to SCLK High
30
tCLDOX
Data Hold Time
77
tSHDX
SCLK High to SPI Data Hold
31
tCVCTX
Control Inactive Delay
78
tSLDV
SCLK Low to SPI Data Valid
32
tWLWH
WR Pulse Width
79
tCHRFD
CLKOUTA High to RFSH Valid
33
tWHLH
WR Inactive to ALE High
80
tCLCLX
LCS Inactive Delay
34
tWHDX
Data Hold after WR
81
tCLCSL
LCS Active Delay
35
tWHDEX
WR Inactive to DEN Inactive
82
tCLRF
CLKOUTA High to RFSH Invalid
36
tCKIN
X1 Period
83
tCOAOB
CLKOUTA to CLKOUTB Skew
37
tCLCK
X1 Low Time
84
tLRLL
LCS Precharge Pulse Width
38
tCHCK
X1 High Time
85
tRFCY
RFSH Cycle Time
39
tCKHL
X1 Fall Time
86
tLCRF
LCS Inactive to RFSH Active Delay
40
tCKLH
X1 Rise Time
87
tAVBL
A Address Valid to WHB, WLB Low
42
tCLCL
CLKOUTA Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com