Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 86Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 87Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 88Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 89Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 90Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 91Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 92Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 93Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
90
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
Reset and Bus Hold (20 MHz and 25 MHz)
Note:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
a
This timing must be met to guarantee recognition at the next clock.
Reset and Bus Hold (33 MHz and 40 MHz)
Note:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
a
This timing must be met to guarantee recognition at the next clock.
Preliminary
Parameter
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
Reset and Bus Hold Timing Requirements
5
tCLAV
AD Address Valid Delay and BHE
0
25
0
20
ns
15
tCLAZ
AD Address Float Delay
0
25
0
20
ns
57
tRESIN
RES Setup Time
10
10
ns
58
tHVCL
HOLD Setup(a)
10
10
ns
Reset and Bus Hold Timing Responses
62
tCLHAV
HLDA Valid Delay
0
25
0
20
ns
63
tCHCZ
Command Lines Float Delay
25
20
ns
64
tCHCV
Command Lines Valid Delay
(after Float)
25
20
ns
Preliminary
Parameter
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
Reset and Bus Hold Timing Requirements
5
tCLAV
AD Address Valid Delay and BHE
0
15
0
12
ns
15
tCLAZ
AD Address Float Delay
0
15
0
12
ns
57
tRESIN
RES Setup Time
8
5
ns
58
tHVCL
HOLD Setup(a)
8
5
ns
Reset and Bus Hold Timing Responses
62
tCLHAV
HLDA Valid Delay
0
15
0
12
ns
63
tCHCZ
Command Lines Float Delay
15
12
ns
64
tCHCV
Command Lines Valid Delay
(after Float)
15
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com