Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 89Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 90Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 91Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 92Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 93Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 94Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 95Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 96Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
93
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
Synchronous Serial Interface (SSI) (20 MHz and 25 MHz)
Note:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
Synchronous Serial Interface (SSI) (33 MHz and 40 MHz)
Note:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
Preliminary
Parameter
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
Synchronous Serial Port Timing Requirements
75
tDVSH
Data Valid to SCLK High
10
10
ns
77
tSHDX
SCLK High to SPI Data Hold
3
3
ns
Synchronous Serial Port Timing Responses
71
tCLEV
CLKOUTA Low to SDEN Valid
25
20
ns
72
tCLSL
CLKOUTA Low to SCLK Low
25
20
ns
78
tSLDV
SCLK Low to Data Valid
25
20
ns
Preliminary
Parameter
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
Synchronous Serial Port Timing Requirements
75
tDVSH
Data Valid to SCLK High
8
5
ns
77
tSHDX
SCLK High to SPI Data Hold
2
2
ns
Synchronous Serial Port Timing Responses
71
tCLEV
CLKOUTA Low to SDEN Valid
0
15
0
12
ns
72
tCLSL
CLKOUTA Low to SCLK Low
0
15
0
12
ns
78
tSLDV
SCLK Low to Data Valid
0
15
0
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com