Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 51Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 52Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 53Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 54Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 55Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 56Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 57Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 58Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
55
P R E L IMINAR Y
Typical Ambient Temperatures
The typical ambient temperature specifications are
based on the following assumptions and calculations:
The commercial operating range of the Am186EM and
Am188EM microcontrollers is a case temperature TC of
0 to 100 degrees Centigrade. TC is measured at the top
center of the package. An increase in the ambient tem-
perature causes a proportional increase in TC.
The 40-MHz microcontroller is specified as 5.0 V, plus
or minus 5%. Therefore, 5.25 V is used for calculating
typical power consumption on the 40-MHz microcon-
troller.
Microcontrollers up to 33 MHz are specified as 5.0 V,
plus or minus 10%. Therefore, 5.5 V is used for calcu-
lating typical power consumption up to 33 MHz.
Typical power supply current (ICC) in normal usage is es-
timated at 5.9 mA per MHz of microcontroller clock rate.
Typical power consumption (watts) = (5.9 mA/MHz)
times microcontroller clock rate times voltage divided
by 1000.
Table 9 shows the variables that are used to calculate
the typical power consumption value for each version
of the Am186EM and Am188EM microcontrollers.
Table 9.
Typical Power Consumption
Calculation
Thermal resistance is a measure of the ability of a
package to remove heat from a semiconductor device.
A safe operating range for the device can be calculated
using the following formulas from Figure 16 and the
variables in Table 8.
By using the maximum case rating TC, the typical
power consumption value from Table 9, and
θ
JC from
Table 8, the junction temperature TJ can be calculated
by using the following formula from Figure 16.
TJ = TC + ( P
⋅ θ
JC )
Table 10 shows TJ values for the various versions of the
Am186EM and Am188EM microcontrollers. The column
titled
Speed/Pkg/Board in Table 10 indicates the clock
speed in MHz, the type of package (P for PQFP and T for
TQFP), and the type of board (2 for 2-layer and 4–6 for 4-
layer to 6-layer).
Table 10.
Junction Temperature Calculation
By using TJ from Table 10, the typical power consumption
value from Table 9, and a
θ
JA value from Table 8, the typ-
ical ambient temperature TA can be calculated using the
following formula from Figure 16.
TA = TJ – ( P ⋅ θJA )
For example, TA for a 40-MHz PQFP design with a 2-
layer board and 0 fpm airflow is calculated as follows:
TA = 108.673 – ( 1.239 ⋅ 45 )
TA = 52.918
In this calculation, TJ comes from Table 10, P comes
from Table 9, and
θ
JA comes from Table 8. See Table 11.
TA for a 33-MHz TQFP design with a 4-layer to 6-layer
board and 200 fpm airflow is calculated as follows:
TA = 106.4251 – ( 1.07085 ⋅ 28 )
TA = 76.4413
See Table 14 for the result of this calculation.
Table 11 through Table 14 and Figure 17 through Fig-
ure 20 show TA based on the preceding assumptions and
calculations for a range of
θ
JA values with airflow from 0
linear feet per minute to 600 linear feet per minute.
P = MHz
⋅ I
CC
⋅ Volts / 1000
Typical
Power (P) in
Watts
MHz
Typical ICC
Volts
40
5.9
5.25
1.239
33
5.9
5.5
1.07085
25
5.9
5.5
0.81125
20
5.9
5.5
0.649
Speed/
Pkg/
Board
TJ = TC + ( P
⋅ θ
JC )
TJ
TC
P
θ
JC
40/P2
100
1.239
7
108.7
40/T2
100
1.239
10
112.4
40/P4–6
100
1.239
5
106.2
40/T4–6
100
1.239
6
107.4
33/P2
100
1.07085
7
107.5
33/T2
100
1.07085
10
110.7
33/P4–6
100
1.07085
5
105.3
33/T4–6
100
1.07085
6
106.4
25/P2
100
0.81125
7
105.7
25/T2
100
0.81125
10
108.1
25/P4–6
100
0.81125
5
104.1
25/T4–6
100
0.81125
6
104.9
20/P2
100
0.649
7
104.5
20/T2
100
0.649
10
106.5
20/P4–6
100
0.649
5
103.2
20/T4–6
100
0.649
6
103.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com