Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 28Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 29Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 30Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 31Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 32Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 33Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 34Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 35Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
32
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
SCLK/PIO20
Serial Clock (output, synchronous)
This pin supplies the synchronous serial interface (SSI)
clock to a slave device, allowing transmit and receive
operations to be synchronized between the microcon-
troller and the slave. SCLK is derived from the micro-
controller internal clock and then divided by 2, 4, 8, or
16 depending on register settings.
An access to any of the SSR or SSD registers activates
SCLK for eight SCLK cycles (see Figure 11 and Figure
12 on page 49). When SCLK is inactive, it is held High
by the microcontroller.
SDATA/PIO21
Serial Data (input/output, synchronous)
This pin transmits synchronous serial interface (SSI)
data to and from a slave device. When SDATA is inac-
tive, a weak keeper holds the last value of SDATA on
the pin.
SDEN1/PIO23, SDEN0/PIO22
Serial Data Enables (output, synchronous)
These pins enable data transfers on port 1 and port 0
of the synchronous serial interface (SSI). The micro-
controller asserts either SDEN1 or SDEN0 at the be-
ginning of a transfer and deasserts it after the transfer
is complete. When SDEN1–SDEN0 are inactive, they
are held Low by the microcontroller.
SRDY/PIO6
Synchronous Ready (input, synchronous,
level-sensitive)
This pin indicates to the microcontroller that the ad-
dressed memory space or I/O device will complete a
data transfer. The SRDY pin accepts an active High
input synchronized to CLKOUTA.
Using SRDY instead of ARDY allows a relaxed system
timing because of the elimination of the one-half clock
period required to internally synchronize ARDY. To al-
ways assert the ready condition to the microcontroller,
tie SRDY High. If the system does not use SRDY, tie
the pin Low to yield control to ARDY.
TMRIN0/PIO11
Timer Input 0 (input, synchronous, edge-sensitive)
This pin supplies a clock or control signal to the internal
microcontroller timer 0. After internally synchronizing a
Low-to-High transition on TMRIN0, the microcontroller
increments the timer. TMRIN0 must be tied High if not
being used.
TMRIN1/PIO0
Timer Input 1 (input, synchronous, edge-sensitive)
This pin supplies a clock or control signal to the internal
microcontroller timer 1. After internally synchronizing a
Low-to-High transition on TMRIN1, the microcontroller
increments the timer. TMRIN1 must be tied High if not
being used.
TMROUT0/PIO10
Timer Output 0 (output, synchronous)
This pin supplies the system with either a single pulse
or a continuous waveform with a programmable duty
cycle. TMROUT0 is floated during a bus hold or reset.
TMROUT1/PIO1
Timer Output 1 (output, synchronous)
This pin supplies the system with either a single pulse
or a continuous waveform with a programmable duty
cycle. TMROUT1 can also be programmed as a watch-
dog timer. TMROUT1 is floated during a bus hold or re-
set.
TXD/PIO27
Transmit Data (output, asynchronous)
This pin supplies asynchronous serial transmit data to
the system from the internal UART of the microcontrol-
ler.
UCS/ONCE1
Upper Memory Chip Select (output, synchronous)
ONCE Mode Request 1 (input, internal pullup)
UCS—This pin indicates to the system that a memory
access is in progress to the upper memory block. The
base address and size of the upper memory block are
programmable up to 512 Kbytes. UCS is held High dur-
ing a bus hold condition.
After power-on reset, UCS is asserted because the pro-
cessor begins executing at FFFF0h and the default config-
uration for the UCS chip select is 64 Kbytes from F0000h
to FFFFFh.
ONCE1—During reset, this pin and ONCE0 indicate to
the microcontroller the mode in which it should operate.
ONCE0 and ONCE1 are sampled on the rising edge of
RES. If both pins are asserted Low, the microcontroller
enters ONCE mode. Otherwise, it operates normally. In
ONCE mode, all pins assume a high-impedance state
and remain in that state until a subsequent reset oc-
curs. To guarantee that the microcontroller does not in-
advertently enter ONCE mode, ONCE1 has a weak
internal pullup resistor that is active only during a reset.
This pin is not three-stated during a bus hold condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com