Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 3 Page - Analog Devices

  ADM3055EBRIZ Datasheet HTML 1Page - Analog Devices ADM3055EBRIZ Datasheet HTML 2Page - Analog Devices ADM3055EBRIZ Datasheet HTML 3Page - Analog Devices ADM3055EBRIZ Datasheet HTML 4Page - Analog Devices ADM3055EBRIZ Datasheet HTML 5Page - Analog Devices ADM3055EBRIZ Datasheet HTML 6Page - Analog Devices ADM3055EBRIZ Datasheet HTML 7Page - Analog Devices ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. A | Page 3 of 24
SPECIFICATIONS
All voltages are relative to their respective ground. 4.5 V ≤ VCC ≤ 5.5 V, 1.7 V ≤ VIO ≤ 5.5 V, TMIN to TMAX, and STBY low, unless otherwise
noted. Typical specifications are at VCC = VIO = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
Logic Side isoPower Current
ICC
Standby
13.5
30
mA
STBY high, AUXIN low,
load resistance (RL) = 60 Ω
Recessive State (or Silent)
27
40
mA
TXD and/or SILENT high, RL = 60 Ω
Dominant State
180
260
mA
Fault condition, see the Theory of
Operation section, RL = 60 Ω
70% Dominant/30% Recessive
Worst case, see the Theory of Operation
section, RL = 60 Ω
1 Mbps
138
mA
5 Mbps
151
200
mA
12 Mbps
177
220
mA
Switching Frequency
fOSC
180
MHz
Frequency hopping center
Logic Side iCoupler Current
IIO
Normal Mode
3.6
5
mA
TXD high, low or switching, AUXIN low
Standby Mode
1.2
2
mA
STBY high
DRIVER
Differential Outputs
See Figure 28
Recessive State, Normal Mode
TXD high, RL and common-mode filter
capacitor (CF) open
CANH, CANL Voltage
VCANL,
VCANH
2.0
3.0
V
Differential Output Voltage
VOD
−500
+50
mV
Dominant State, Normal Mode
TXD and SILENT low, CF open
CANH Voltage
VCANH
2.75
4.5
V
50 Ω ≤ RL ≤ 65 Ω
CANL Voltage
VCANL
0.5
2.0
V
50 Ω ≤ RL ≤ 65 Ω
Differential Output Voltage
VOD
1.5
3.0
V
50 Ω ≤ RL ≤ 65 Ω
1.4
3.3
V
45 Ω ≤ RL ≤ 70 Ω
1.5
5.0
V
RL = 2240 Ω
Standby Mode
STBY high, RL and CF open
CANH, CANL Voltage
VCANL,
VCANH
−0.1
+0.1
V
Differential Output Voltage
VOD
−200
+200
mV
Output Symmetry (VISOIN − VCANH −
VCANL)
VSYM
−0.55
+0.55
V
RL = 60 Ω, CF = 4.7 nF, RS low
Short-Circuit Current
|ISC|
RL open
Absolute
CANH
115
mA
VCANH = −3 V
CANL
115
mA
VCANL = 18 V
Steady State
CANH
115
mA
VCANH = −24 V
CANL
115
mA
VCANL = 24 V
Logic Inputs (TXD, SILENT, STBY, AUXIN)
Input Voltage
High
VIH
0.65 × VIO
V
Low
VIL
0.35 × VIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com