Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 5 Page - Analog Devices

  ADM3055EBRIZ Datasheet HTML 1Page - Analog Devices ADM3055EBRIZ Datasheet HTML 2Page - Analog Devices ADM3055EBRIZ Datasheet HTML 3Page - Analog Devices ADM3055EBRIZ Datasheet HTML 4Page - Analog Devices ADM3055EBRIZ Datasheet HTML 5Page - Analog Devices ADM3055EBRIZ Datasheet HTML 6Page - Analog Devices ADM3055EBRIZ Datasheet HTML 7Page - Analog Devices ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. A | Page 5 of 24
TIMING SPECIFICATIONS
All voltages are relative to their respective ground. 4.5 V ≤ VCC ≤ 5.5 V, 1.7 V ≤ VIO ≤ 5.5 V, TMIN to TMAX, and STBY low, unless otherwise
noted. Typical specifications are at VCC = VIO = 5 V and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
SILENT low, bit time on the TXD pin as transmitted
by the CAN controller (tBIT_TXD) = 200 ns, see Figure 2
and Figure 30, slope resistance (RSLOPE) = 0 Ω, RL =
60 Ω, load capacitance (CL) = 100 pF
Maximum Data Rate
12
Mbps
Propagation Delay from TXD to Bus
(Recessive to Dominant)
tTXD_DOM
35
60
ns
Propagation Delay from TXD to Bus
(Dominant to Recessive)
tTXD_REC
46
70
ns
Transmit Dominant Timeout
tDT
1175
4000
µs
TXD low, see Figure 5
RECEIVER
SILENT low, see Figure 2 and Figure 30, RL = 60 Ω, CL =
100 pF, RXD capacitance (CRXD) = 15 pF
Falling Edge Loop Propagation Delay
(TXD to RXD)
tLOOP_FALL
Full Speed Mode
150
ns
RSLOPE = 0 Ω, tBIT_TXD = 200 ns
Slope Control Mode
300
ns
RSLOPE = 47 kΩ, tBIT_TXD = 1 µs
Rising Edge Loop Propagation Delay
(TXD to RXD)
tLOOP_RISE
Full Speed Mode
150
ns
RSLOPE = 0 Ω, tBIT_TXD = 200 ns
Slope Control Mode
300
ns
RSLOPE = 47 kΩ, tBIT_TXD = 1 µs
Loop Delay Symmetry (Minimum
Recessive Bit Width)
tBIT_RXD
2 Mbps
450
550
ns
tBIT_TXD = 500 ns
5 Mbps
160
220
ns
tBIT_TXD = 200 ns
8 Mbps
85
140
ns
tBIT_TXD = 125 ns
12 Mbps
50
91.6
ns
tBIT_TXD = 83.3 ns
CANH, CANL SLEW RATE
|SR|
7
V/µs
SILENT low, see Figure 30, RL = 60 Ω, CL = 100 pF,
RSLOPE = 47 kΩ
STANDBY MODE
Minimum Pulse Width Detected
(Receiver Filter Time)
tFILTER
1
5
µs
STBY high, see Figure 4
Wake-Up Pattern Detection Reset Time
tWUPR
1175
4000
µs
STBY high, see Figure 4
Normal Mode to Standby Mode Time
tSTBY_ON
25
µs
Standby Mode to Normal Mode Time
tSTBY_OFF
25
µs
Time until RXD valid
AUXILIARY SIGNAL
Maximum Switching Rate
fAUX
20
kHz
AUXIN to AUXOUT Propagation Delay
tAUX
25
µs
SILENT MODE
Normal Mode to Silent Mode Time
tSILENT_ON
40
100
ns
TXD low, RSLOPE = 0 Ω, see Figure 3
Silent Mode to Normal Mode Time
tSILENT_OFF
50
100
ns
TXD low, RSLOPE = 0 Ω, see Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com