Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices ADM3055EBRIZ Datasheet HTML 18Page - Analog Devices ADM3055EBRIZ Datasheet HTML 19Page - Analog Devices ADM3055EBRIZ Datasheet HTML 20Page - Analog Devices ADM3055EBRIZ Datasheet HTML 21Page - Analog Devices ADM3055EBRIZ Datasheet HTML 22Page - Analog Devices ADM3055EBRIZ Datasheet HTML 23Page - Analog Devices ADM3055EBRIZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
ADM3055E/ADM3057E
Data Sheet
Rev. A | Page 24 of 24
OUTLINE DIMENSIONS
20
11
10
1
COPLANARITY
0.10
1.27 BSC
15.54
15.40
15.27
7.59
7.50
7.39
2.64
2.50
2.36
0.89
0.65
0.41
2.44
2.24
0.25
0.10
10.54
10.30
10.06
0.48
0.36
8°
0°
0.33
0.23
0.76
0.25
45°
0.25 BSC
GAGE
PLANE
COMPLIANT TO JEDEC STANDARDS MS-013-AD
TOP VIEW
SIDE VIEW
END VIEW
PIN 1
INDICATOR
SEATING
PLANE
Figure 35. 20-Lead Standard Small Outline Package with Increased Creepage [SOIC_IC]
Wide Body,
(RI-20-1)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AC
13.00 (0.5118)
12.60 (0.4961)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
20
11
10
1
1.27
(0.0500)
BSC
Figure 36. 20-Lead Standard Small Outline Package [SOIC_W]
Wide Body,
(RW-20)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADM3055EBRIZ
−40°C to +105°C
20-Lead Standard Small Outline Package with Increased Creepage [SOIC_IC]
RI-20-1
ADM3055EBRIZ-RL
−40°C to +105°C
20-Lead Standard Small Outline Package with Increased Creepage [SOIC_IC]
RI-20-1
EVAL-ADM3055EEBZ
ADM3055E Evaluation Board
ADM3057EBRWZ
−40°C to +105°C
20-Lead Standard Small Outline Package [SOIC_W]
RW-20
ADM3057EBRWZ-RL
−40°C to +105°C
20-Lead Standard Small Outline Package [SOIC_W]
RW-20
1
Z = RoHS Compliant Part.
2
Use the EVAL-ADM3055EEBZ evaluation board to evaluate the ADM3057E.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14972-0-11/18(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com