Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 3Page - Analog Devices ADM3055EBRIZ Datasheet HTML 4Page - Analog Devices ADM3055EBRIZ Datasheet HTML 5Page - Analog Devices ADM3055EBRIZ Datasheet HTML 6Page - Analog Devices ADM3055EBRIZ Datasheet HTML 7Page - Analog Devices ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices ADM3055EBRIZ Datasheet HTML 10Page - Analog Devices ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. A | Page 7 of 24
INSULATION AND SAFETY RELATED SPECIFICATIONS
For additional information, see www.analog.com/icouplersafety.
Table 3.
Value
Parameter
Symbol
ADM3055E
ADM3057E
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5000
3000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L (I01)
8.3
7.8
mm min
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)
L (I02)
8.3
7.8
mm min
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Clearance in the Plane of the
Printed Circuit Board (PCB Clearance)
L (PCB)
8.3
7.8
mm min
Measured from input terminals to output
terminals, shortest distance through air, line
of sight, in the PCB mounting plane
Minimum Internal Gap (Internal Clearance)
21
21
µm min
Insulation distance through insulation
Tracking Resistance (Comparative
Tracking Index)
CTI
>600
>600
V
IEC 60112
Material Group
I
I
Material Group (IEC 60664-1)
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Ω
Capacitance (Input to Output)1
CI-O
3.7
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
1
The device is considered a 2-terminal device: Pin 1 through Pin 10 are shorted together, and Pin 11 through Pin 20 are shorted together.
2
Input capacitance is from any input data pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com