Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices ADM3055EBRIZ Datasheet HTML 13Page - Analog Devices ADM3055EBRIZ Datasheet HTML 14Page - Analog Devices ADM3055EBRIZ Datasheet HTML 15Page - Analog Devices ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices ADM3055EBRIZ Datasheet HTML 18Page - Analog Devices ADM3055EBRIZ Datasheet HTML 19Page - Analog Devices ADM3055EBRIZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADM3055E/ADM3057E
Data Sheet
Rev. A | Page 16 of 24
130
60
70
80
90
100
110
120
RSLOPE = 0Ω, 1Mbps DATA RATE
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
Figure 21. Supply Current, ICC vs. Temperature
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
TEMPERATURE (°C)
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
–55
–35
–15
5
25
45
65
85
105
Figure 22. Supply Current, IIO vs. Temperature, RS = 0 Ω, 1 Mbps
118
98
4.5
5.5
SUPPLY VOLTAGE, VCC (V)
100
102
104
106
108
110
112
114
116
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
DATA RATE 1mbps
DATA RATE 1Mbps
Figure 23. Supply Current, ICC vs. Supply Voltage, VCC, RS = 0 Ω, 1 Mbps
2.70
2.30
1.7
5.2
5.7
SUPPLY VOLTAGE, VIO (V)
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.2
2.7
3.2
3.7
4.2
4.7
DATA RATE 1mbps
DATA RATE 1Mbps
Figure 24. Supply Current, IIO vs. Supply Voltage, VIO, Data Rate = 1 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com