Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 4Page - Analog Devices ADM3055EBRIZ Datasheet HTML 5Page - Analog Devices ADM3055EBRIZ Datasheet HTML 6Page - Analog Devices ADM3055EBRIZ Datasheet HTML 7Page - Analog Devices ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices ADM3055EBRIZ Datasheet HTML 10Page - Analog Devices ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADM3055E/ADM3057E
Data Sheet
Rev. A | Page 8 of 24
REGULATORY INFORMATION
ADM3055E
See Table 11 and the Insulation Lifetime section for details regarding maximum working voltages for specific cross isolation waveforms
and insulation levels. The ADM3055E is approved or pending approval by the organizations listed in Table 5.
Table 5.
UL (Pending)1
CSA (Pending)
VDE (Pending)2
CQC (Pending)
Recognized under 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
DIN V VDE V 0884-10
(VDE V 0884-10):2006-12
Certified under
CQC11-471543-2012
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and
IEC 60950-1, second edition, +A1+A2
Reinforced insulation 849 VPEAK, surge
isolation voltage (VIOTM) = 8000 VPEAK
GB4943.1-2011: basic
insulation at 830 V rms
(1174 VPEAK)
Basic insulation at 830 V rms (1174 VPEAK)
Reinforced insulation at
415 V rms (587 VPEAK)
Reinforced insulation at 415 V rms
(587 VPEAK)
IEC 60601-1 Edition 3.1:
Basic insulation (1 MOPP), 519 V rms
(734 VPEAK)
Reinforced insulation (2 MOPP), 261V rms
(369 VPEAK)
CSA 61010-1-12 and IEC 61010-1 third
edition
Basic insulation at 300 V rms mains,
830 V secondary (1174 VPEAK)
Reinforced insulation at 300 V rms mains,
415 V secondary (587 VPEAK)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADM3055E is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each ADM3055E is proof tested by applying an insulation test voltage ≥ 1592 VPEAK for 1 sec (partial discharge detection limit =
5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com