Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices ADM3055EBRIZ Datasheet HTML 18Page - Analog Devices ADM3055EBRIZ Datasheet HTML 19Page - Analog Devices ADM3055EBRIZ Datasheet HTML 20Page - Analog Devices ADM3055EBRIZ Datasheet HTML 21Page - Analog Devices ADM3055EBRIZ Datasheet HTML 22Page - Analog Devices ADM3055EBRIZ Datasheet HTML 23Page - Analog Devices ADM3055EBRIZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. A | Page 23 of 24
Surface Tracking
Surface tracking is addressed in electrical safety standards by
setting a minimum surface creepage based on the working
voltage, the environmental conditions, and the properties of the
insulation material. Safety agencies perform characterization
testing on the surface insulation of components, allowing the
components to be categorized in different material groups.
Lower material group ratings are more resistant to surface
tracking and can therefore provide adequate lifetime with
smaller creepage. The minimum creepage for a given working
voltage and material group is in each system level standard and
is based on the total rms voltage across the isolation, pollution
degree, and material group. See Table 3 for the material group
and creepage information for the ADM3055E and the ADM3057E
isolated CAN transceivers.
Insulation Wear Out
The lifetime of insulation caused by wear out is determined by
the thickness, material properties, and the voltage stress applied
across the insulation. It is important to verify that the product
lifetime is adequate at the application working voltage. The
working voltage supported by an isolator for wear out may not
be the same as the working voltage supported for tracking. The
working voltage applicable to tracking is specified in most
standards.
Testing and modeling show that the primary driver of long-term
degradation is displacement current in the polyimide insulation,
causing incremental damage. The stress on the insulation can be
divided into broad categories, such as dc stress and ac component,
time varying voltage stress. DC stress causes little wear out because
there is no displacement current, whereas ac component, time
varying voltage stress causes wear out.
The ratings in certification documents are typically based on
60 Hz sinusoidal stress to reflect isolation from the line voltage.
However, many practical applications have combinations of 60 Hz
ac and dc across the barrier, as shown in Equation 1. Because
only the ac portion of the stress causes wear out, the equation
can be rearranged to solve for the ac rms voltage, as shown in
Equation 2. For insulation wear out with the polyimide materials
used in these products, the ac rms voltage determines the
product lifetime.
22
RMS
AC RMS
DC
VV
V
=
+
(1)
or
22
AC RMS
RMS
DC
V
V
V
=
−
(2)
where:
VRMS is the total rms working voltage.
VAC RMS is the time varying portion of the working voltage.
VDC is the dc offset of the working voltage.
Calculation and Use of Parameters Example
The following example frequently arises in power conversion
applications. Assume that the line voltage on one side of the
isolation is 240 VAC RMS, and a 400 VDC bus voltage is present on
the other side of the isolation barrier. The isolator material is
polyimide. To establish the critical voltages used to determine
the creepage, clearance, and lifetime of a device, see Figure 34
and the equations that follow.
TIME
VAC RMS
VRMS
VDC
VPEAK
Figure 34. Critical Voltage Example
The working voltage across the barrier from Equation 1 is
22
RMS
AC RMS
DC
VV
V
=
+
2
2
240
400
RMS
V
=
+
VRMS = 466 V
Use this VRMS value as the working voltage in conjunction with
the material group and pollution degree to determine the
creepage required by a system standard.
To determine if the lifetime is adequate, obtain the time varying
portion of the working voltage. To obtain the ac rms voltage,
use Equation 2.
22
AC RMS
RMS
DC
V
V
V
=
−
22
466
400
AC RMS
V
=
−
VAC RMS = 240 VRMS
In this case, the ac rms voltage is simply the line voltage of
240 VRMS. This calculation is more relevant when the waveform is
not sinusoidal. The calculated ac rms voltage is compared to the
limits for the working voltage in Table 11 for the expected
lifetime of the device, which is less than a 60 Hz sine wave, and
is well within the limit for a 50-year service life.
The dc working voltage limit is set by the creepage of the
package as specified in IEC 60664-1. This value can differ for
specific system level standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com