Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 7Page - Analog Devices ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices ADM3055EBRIZ Datasheet HTML 10Page - Analog Devices ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices ADM3055EBRIZ Datasheet HTML 13Page - Analog Devices ADM3055EBRIZ Datasheet HTML 14Page - Analog Devices ADM3055EBRIZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. A | Page 11 of 24
ABSOLUTE MAXIMUM RATINGS
Pin voltages with respect to GNDx are on the same side, unless
otherwise noted.
Table 9.
Parameter
Rating
VCC
−0.5 V to +6 V
VIO
−0.5 V to +6 V
Logic Side Input/Output: TXD, RXD,
AUXIN, SILENT, STBY
−0.5 V to VIO + 0.5 V
CANH, CANL
−40 V to +40 V
AUXOUT, RS
−0.5 V to VISOIN + 0.5 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ Maximum)
150°C
Power Dissipation
(TJ maximum − TA)/θJA
Electrostatic Discharge (ESD)
IEC 61000-4-2, CANH/CANL
Across Isolation Barrier to GND1
±8 kV
Contact Discharge to GND2
±8 kV
Air Discharge to GND2
±15 kV
Human Body Model (HBM),
All Pins, 1.5 kΩ, 100 pF
4 kV
Moisture Sensitivity Level (MSL)
3
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Careful attention to PCB thermal
design is required.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 10. Thermal Resistance
Package Type1
θJA
Unit
RI-20-1
49
°C/W
RW-20
53
°C/W
1
Thermocouple located at the center of the package underside, test
conducted on a 4-layer board with thin traces. See the Thermal Analysis
section for thermal model definitions.
ESD CAUTION
Table 11. Maximum Continuous Working Voltage1
Rating
Parameter
ADM3055E
ADM3057E
Unit
Constraint
AC Voltage
Bipolar Waveform
Basic Insulation
566
566
VPEAK
Lifetime limited by insulation lifetime per VDE-0884-11
Reinforced Insulation
467
467
VPEAK
Lifetime limited by insulation lifetime per VDE-0884-11
Unipolar Waveform
Basic Insulation
1131
1131
VPEAK
Lifetime limited by insulation lifetime per VDE-0884-11
Reinforced Insulation
933
933
VPEAK
Lifetime limited by insulation lifetime per VDE-0884-11
DC Voltage
Basic Insulation
1660
1560
VPEAK
Lifetime limited by package creepage per IEC 60664-1
Reinforced Insulation
830
780
VPEAK
Lifetime limited by package creepage per IEC 60664-1
1
Maximum continuous working voltage refers to the continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com