Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 10Page - Analog Devices ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices ADM3055EBRIZ Datasheet HTML 13Page - Analog Devices ADM3055EBRIZ Datasheet HTML 14Page - Analog Devices ADM3055EBRIZ Datasheet HTML 15Page - Analog Devices ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices ADM3055EBRIZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADM3055E/ADM3057E
Data Sheet
Rev. A | Page 14 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
4.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
7
9
11
13
8
10
12
14 15
DATA RATE (Mbps)
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
Figure 9. Supply Current, IIO vs. Data Rate
180
60
80
100
120
140
160
0
1
2
3
4
5
6
7
9
11
13
8
10
12
14 15
DATA RATE (Mbps)
Figure 10. Supply Current, ICC vs. Data Rate
4.5
0
0.5
1.5
2.5
3.0
4.0
1.0
2.0
3.5
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE (°C)
STBY LOW, AUXIN HIGH
STBY LOW, AUXIN LOW
STBY HIGH
Figure 11. Supply Current, IIO vs. Temperature (Inputs Idle)
140
0
20
60
40
80
100
120
20
25
30
35
40
45
50
55
60
RSLOPE (kΩ)
Figure 12. Single-Ended Slew Rate vs. RSLOPE
140
90
100
110
120
130
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE (°C)
Figure 13. Receiver Input Hysteresis vs. Temperature
43
29
31
33
37
41
35
39
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE (°C)
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
Figure 14. tTXD_DOM vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com