Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3055EBRIZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 5Page - Analog Devices ADM3055EBRIZ Datasheet HTML 6Page - Analog Devices ADM3055EBRIZ Datasheet HTML 7Page - Analog Devices ADM3055EBRIZ Datasheet HTML 8Page - Analog Devices ADM3055EBRIZ Datasheet HTML 9Page - Analog Devices ADM3055EBRIZ Datasheet HTML 10Page - Analog Devices ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices ADM3055EBRIZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. A | Page 9 of 24
ADM3057E
See Table 11 and the Insulation Lifetime section for details regarding maximum working voltages for specific cross isolation waveforms
and insulation levels. The ADM3057E is approved or pending approval by the organizations listed in Table 6.
Table 6.
UL (Pending)1
CSA (Pending)
VDE (Pending)2
CQC (Pending)
Recognized under 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
DIN V VDE V 0884-10
(VDE V 0884-10):2006-12
Certified under
CQC11-471543-2012
Single Protection, 3000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and
IEC 60950-1, second edition, +A1+A2
Reinforced insulation 849 VPEAK,
surge isolation voltage (VIOTM) =
6000 VPEAK
GB4943.1-2011: basic
insulation at 780 V rms
(1103 VPEAK)
Basic insulation at 780 V rms (1103 VPEAK)
Reinforced insulation at
390 V rms (552 VPEAK)
Reinforced insulation at 390 V rms
(552 VPEAK)
IEC 60601-1 Edition 3.1:
Basic insulation (1 MOPP), 490 V rms
(693 VPEAK)
Reinforced insulation (2 MOPP),
250 V rms (353 VPEAK)
CSA 61010-1-12 and IEC 61010-1 third
edition
Basic insulation at 300 V rms mains,
780 V secondary (1103 VPEAK)
Reinforced insulation at 300 V rms
mains, 390 V secondary (552 VPEAK)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1 In accordance with UL 1577, each ADM3057E is proof tested by applying an insulation test voltage ≥ 3600 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each ADM3057E is proof tested by applying an insulation test voltage ≥ 1592 VPEAK for 1 sec (partial discharge detection limit =
5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. The protective circuits ensure the
maintenance of the safety data. The asterisk (*) marking on packages denotes DIN V VDE V 0884-10 approval.
Table 7. ADM3055E VDE Characteristics
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 400 V rms
I to III
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
849
VPEAK
Input to Output Test Voltage, Method B1
VIORM × 1.875 = VPR, 100% production test, tm = 1 sec,
partial discharge < 5 pC
Vpd(m)
1592
VPEAK
Input to Output Test Voltage, Method A
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd(m)
1273
VPEAK
After Input or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd(m)
1018
VPEAK
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 sec
VIOTM
8000
VPEAK
Surge Isolation Voltage Reinforced
VIOSM(TEST) = 10 kV, 1.2 μs rise time, 50 μs, 50% fall time
VIOSM
6000
VPEAK
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 6)
Case Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
2.55
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com