Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 16Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 17Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 18Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 19Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 20Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 21Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 22Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 23Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
T8xC51SND1
Rev. D – 15-Nov-01
Table 29. SPI Controller SFRs
Table 30. 2-wire Controller SFRs
Table 31. Keyboard Interface SFRs
Table 32. A/D Controller SFRs
Mnemonic
Add
Name
7
6
5
432
1
0
SPCON
C3h
SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h
SPI Status
SPIF
WCOL
-
MODF
-
-
-
-
SPDAT
C5h
SPI Data
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Mnemonic
Add
Name
7
6
5
432
1
0
SSCON
93h
Synchronous Serial
control
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
SSSTA
94h
Synchronous Serial
Status
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0
SSDAT
95h
Synchronous Serial
Data
SSD7
SSD6
SSD5
SSD4
SSD3
SSD2
SSD1
SSD0
SSADR
96h
Synchronous Serial
Address
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSGC
Mnemonic
Add
Name
7
6
5
432
1
0
KBCON
A3h
Keyboard Control
KINL3
KINL2
KINL1
KINL0
KINM3
KINM2
KINM1
KINM0
KBSTA
A4h
Keyboard Status
KPDE
-
-
-
KINF3
KINF2
KINF1
KINF0
Mnemonic
Add
Name
7
6
5
432
1
0
ADCON
F3h
ADC Control
-
ADIDL
ADEN
ADEOC
ADSST
-
-
ADCS
ADCLK
F2h
ADC Clock Divider
-
-
-
ADCD4
ADCD3
ADCD2
ADCD1
ADCD0
ADDL
F4h
ADC Data Low Byte
-
-
-
-
-
-
ADAT1
ADAT0
ADDH
F5h
ADC Data High Byte
ADAT9
ADAT8
ADAT7
ADAT6
ADAT5
ADAT4
ADAT3
ADAT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com