Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 24 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 20Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 21Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 22Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 23Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 24Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 25Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 26Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 27Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
T8xC51SND1
Rev. D – 15-Nov-01
8.5 Serial Boot Loader
8.6.1 Configuration
The serial boot loader is based on the internal UART and needs only 3 pins: the TXD
and RXD pins of the UART and the VSS pin.
The data transmission format on the serial link must be set to 8 data bits with 1 stop bit.
The baud rate is automatically recognized during the synchronization phase.
8.7.2 Synchronization Phase
Before any data may be sent to the boot loader, a synchronization must be achieved
with the host so that both side converse at the same baud rate. This is done by sending
the “U” character (ASCII 35h) to the boot loader. The boot loader acknowledges the syn-
chronization by responding the same “U” character.
At this time, the boot loader is able to receive data, then all data received are echoed to
the host.
8.8.3 Command Protocol
Definition
The protocol is based on the INTEL‚ HEX type records. These records are composed of
seven fields of ASCII characters as detailed in Table 34. All fields except SOR (Start Of
Record) end EOR (End Of Record) are ASCII coded hexadecimal values. The SOR field
is always a “:” character. The EOR field is always a Carriage Return (ASCII 13h) fol-
lowed by a Line Feed (ASCII 0Ah). The SIZE field is the size of the DATA field. The
ADDRESS field is the address where to store data contained in the DATA field. The
TYPE field is the record type detailed in Table 35. The DATA field contains the data and
must never exceed 128 data bytes (256 ASCII characters). The CKSUM field is the
checksum computed on the SIZE, ADDRESS, TYPE, DATA fields.
Table 34. Hex Record Format
Error Handling
All received records that present a checksum error, a data length greater than 128 bytes
or a bad type record are immediately acknowledged to the host by sending a “X” charac-
ter followed by a CRLF sequence.
Command description
Table 35. Hex Record Commands
SOR
SIZE
ADDRESS
TYPE
DATA
CKSUM
EOR
:NN
AAAA
RR
DD…DD
CC
CR LF
TYPE
SIZE
ADDRESS
Description
00h
01h to 80h
0000h to
FFFFh
Program Data
Program the data in the DATA field at the address contained in the
ADDRESS field.
Return
“.”
Done.
“P”
Not done. Part protected (secured by level 1 or 2).
01h
00h
0000h
End of File
No operation.
Return
“.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com