Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 35 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 31Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 32Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 33Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 34Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 35Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 36Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 37Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 38Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
35
T8xC51SND1
Rev. D – 15-Nov-01
Figure 9. I
DD/IDL Versus XTAL Frequency; VDD= 2.7 to 3.3 V
11.2 DC Characteristics - I
DD, IDL and IPD Test Conditions
Figure 10. I
DD Test Condition, Active Mode
Figure 11. I
DL Test Condition, Idle Mode
max Active mode (mA)
typ Active mode (mA)
max Idle mode (mA)
typ Idle mode (mA)
TBD
TBD
TBD
0
Frequency at XTAL (MHz)
26
8
10
414
12
20
16
18
X2
VDD
Clock Signal
RST
VSS
TST#
X1
P0
(NC)
IDD
All other pins are unconnected
VDD
VSS
VDD
VDD
X2
VDD
Clock Signal
RST
VSS
TST#
X1
P0
(NC)
IDL
All other pins are unconnected
VSS
VDD
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com