Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 54 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 50Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 51Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 52Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 53Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 54Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 55Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 56Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 57Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
54
T8xC51SND1
Rev. D – 15-Nov-01
Figure 32. AC Testing Input/Output Waveforms
Note:
1. During AC testing, all inputs are driven at V
DD -0.5 V for a logic 1 and 0.45 V for a
logic 0.
2. Timing measurements are made on all outputs at VIH min for a logic 1 and VIL max for
a logic 0.
Figure 33. Float Waveforms
Note:
For timing purposes, a port pin is no longer floating when a 100 mV change from load
voltage occurs and begins to float when a 100 mV change from the loading V
OH/VOL level
occurs with I
OL/IOH= ±20 mA.
0.45 V
V
DD - 0.5
0.7 V
DD
0.3 V
DD
V
IH min
V
IL max
INPUTS
OUTPUTS
VLOAD
V
OH - 0.1 V
V
OL + 0.1 V
V
LOAD + 0.1 V
V
LOAD - 0.1 V
Timing Reference Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com