Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 42 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 38Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 39Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 40Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 41Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 42Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 43Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 44Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 45Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
T8xC51SND1
Rev. D – 15-Nov-01
12.5 AC Characteristics - External IDE 16-bit Bus Cycles
12.6.1 Definition of symbols
Table 47. External IDE 16-bit Bus Cycles Timing Symbol Definitions
12.7.2 Timings
Test conditions: capacitive load on all pins= 50 pF.
Table 48. External IDE 16-bit Bus Cycle - Data Read AC Timings
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
Signals
Conditions
A
Address
H
High
D
Data In
L
Low
L
ALE
V
Valid
Q
Data Out
X
No Longer Valid
R
RD#
Z
Floating
WWR#
Symbo
l
Parameter
Variable Clock
Standard Mode
Variable Clock
X2 Mode
Unit
Min
Max
Min
Max
TCLCL
Clock Period
50
50
ns
TLHLL
ALE Pulse Width
2·TCLCL-15
TCLCL-15
ns
TAVLL
Address Valid to ALE Low
TCLCL-20
0.5·TCLCL-20
ns
TLLAX
Address hold after ALE Low
TCLCL-20
0.5·TCLCL-20
ns
TLLRL
ALE Low to RD# Low
3·TCLCL-30
1.5·TCLCL-30
ns
TRLRH RD# Pulse Width
6·TCLCL-25
3·TCLCL-25
ns
TRHLH RD# high to ALE High
TCLCL-20
TCLCL+20
0.5·TCLCL-20
0.5·TCLCL+20
ns
TAVDV Address Valid to Valid Data In
9·TCLCL-65
4.5·TCLCL-65
ns
TAVRL
Address Valid to RD# Low
4·TCLCL-30
2·TCLCL-30
ns
TRLDV
RD# Low to Valid Data
5·TCLCL-30
2.5·TCLCL-30
ns
TRLAZ
RD# Low to Address Float
0
0
ns
TRHDX Data Hold After RD# High
0
0
ns
T
RHDZ
Instruction Float After RD#
High
2·T
CLCL-25
T
CLCL-25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com