Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 45 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 41Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 42Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 43Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 44Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 45Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 46Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 47Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 48Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
45
T8xC51SND1
Rev. D – 15-Nov-01
12.11.2 Timings
Test conditions: capacitive load on all pins= 100 pF.
Table 51. SPI Interface Master AC Timing
VDD= 2.7 to 3.3 V, T
A= -40 to +85°C
Notes:
1. Value of this parameter depends on software.
Symbol
Parameter
Min
Max
Unit
Slave mode
T
CHCH
Clock Period
8
T
OSC
T
CHCX
Clock High Time
3.2
T
OSC
T
CLCX
Clock Low Time
3.2
T
OSC
T
SLCH, TSLCL
SS# Low to Clock edge
200
ns
T
IVCL, TIVCH
Input Data Valid to Clock Edge
100
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
100
ns
T
CLOV, TCHOV
Output Data Valid after Clock Edge
100
ns
T
CLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns
T
CLSH, TCHSH
SS# High after Clock Edge
0
ns
T
IVCL, TIVCH
Input Data Valid to Clock Edge
100
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
100
ns
T
SLOV
SS# Low to Output Data Valid
130
ns
T
SHOX
Output Data Hold after SS# High
130
ns
T
SHSL
SS# High to SS# Low
(1)
T
ILIH
Input Rise Time
2
µs
T
IHIL
Input Fall Time
2
µs
T
OLOH
Output Rise time
100
ns
T
OHOL
Output Fall Time
100
ns
Master mode
T
CHCH
Clock Period
4
T
OSC
T
CHCX
Clock High Time
1.6
T
OSC
T
CLCX
Clock Low Time
1.6
T
OSC
T
IVCL, TIVCH
Input Data Valid to Clock Edge
50
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
50
ns
T
CLOV, TCHOV
Output Data Valid after Clock Edge
65
ns
T
CLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns
T
ILIH
Input Data Rise Time
2
µs
T
IHIL
Input Data Fall Time
2
µs
T
OLOH
Output Data Rise time
50
ns
T
OHOL
Output Data Fall Time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com