Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 40 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 36Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 37Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 38Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 39Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 40Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 41Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 42Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 43Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
T8xC51SND1
Rev. D – 15-Nov-01
Table 46. External 8-bit Bus Cycle - Data Write AC Timings
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
12.4.3 Waveforms
Figure 16. External 8-bit Bus Cycle - Data Read Waveforms
Figure 17. External 8-bit Bus Cycle - Data Write Waveforms
Symbol
Parameter
Variable Clock
Standard Mode
Variable Clock
X2 Mode
Unit
Min
Max
Min
Max
T
CLCL
Clock Period
50
50
ns
T
LHLL
ALE Pulse Width
2·T
CLCL-15
T
CLCL-15
ns
T
AVLL
Address Valid to ALE Low
T
CLCL-20
0.5·T
CLCL-20
ns
T
LLAX
Address hold after ALE
Low
T
CLCL-20
0.5·T
CLCL-20
ns
TLLWL
ALE Low to WR# Low
3·TCLCL-30
1.5·TCLCL-30
ns
TWLWH
WR# Pulse Width
6·TCLCL-25
3·TCLCL-25
ns
TWHLH
WR# High to ALE High
TCLCL-20
TCLCL+20
0.5·TCLCL-20
0.5·TCLCL+20
ns
T
AVWL
Address Valid to WR#
Low
4·T
CLCL-30
2·T
CLCL-30
ns
T
QVWH
Data Valid to WR# High
7·T
CLCL-20
3.5·T
CLCL-20
ns
T
WHQX
Data Hold after WR# High
T
CLCL-15
0.5·T
CLCL-15
ns
T
AVDV
T
LLAX
T
RHDX
T
RHDZ
T
AVLL
TAVRL
P2
P0
RD#
ALE
TLHLL
TRLRH
Data In
A15:8
T
RLAZ
TLLRL
TRHLH
TRLDV
D7:0
A7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com