Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 48 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 44Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 45Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 46Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 47Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 48Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 49Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 50Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 51Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
T8xC51SND1
Rev. D – 15-Nov-01
12.13 AC Characteristics - 2-wire Interface
12.14.1 Timings
Table 52. 2-wire Interface AC Timing
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
Notes:
1. At 100 kbit/s. At other bit-rates this value is inversely proportional to the bit-rate of
100 kbit/s.
2. Determined by the external bus-line capacitance and the external bus-line pull-up
resistor, this must be < 1
µs.
3. Spikes on the SDA and SCL lines with a duration of less than 3·TCLCL will be filtered
out. Maximum capacitance on bus-lines SDA and
SCL= 400 pF.
4. TCLCL= TOSC= one oscillator clock period.
12.15.2 Waveforms
Figure 24. 2-wire Waveforms
Symbol
Parameter
INPUT
Min
Max
OUTPUT
Min
Max
THD; STA
Start condition hold time
14·TCLCL(4)
4.0
µs(1)
TLOW
SCL low time
16·TCLCL(4)
4.7
µs(1)
THIGH
SCL high time
14·TCLCL(4)
4.0
µs(1)
TRC
SCL rise time
1
µs-(2)
TFC
SCL fall time
0.3
µs0.3 µs(3)
TSU; DAT1
Data set-up time
250 ns
20·TCLCL(4)- TRD
TSU; DAT2
SDA set-up time (before repeated START condition)
250 ns
1
µs(1)
TSU; DAT3
SDA set-up time (before STOP condition)
250 ns
8·TCLCL(4)
THD; DAT
Data hold time
0 ns
8·TCLCL(4) - TFC
TSU; STA
Repeated START set-up time
14·TCLCL(4)
4.7
µs(1)
TSU; STO
STOP condition set-up time
14·TCLCL(4)
4.0
µs(1)
TBUF
Bus free time
14·TCLCL(4)
4.7
µs(1)
TRD
SDA rise time
1
µs
-(2)
TFD
SDA fall time
0.3
µs0.3 µs(3)
Tsu;DAT1
Tsu;STA
Tsu;DAT

Thd;STA
T
high
Tlow
SDA
(INPUT/OUTPUT)
0.3
VDD
0.7
VDD
T
buf
T
su;STO
0.7
VDD
0.3 VDD
T
rd
T
fd
Trc
Tfc
SCL
(INPUT/OUTPUT)
T
hd;DAT
Tsu;DAT3
START or Repeated START condition
START condition
STOP condition
Repeated START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com