Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 38 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 34Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 35Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 36Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 37Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 38Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 39Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 40Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 41Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
T8xC51SND1
Rev. D – 15-Nov-01
11.7 DC Characteristics - Phase Lock Loop
11.8.1 Schematic
Figure 14. PLL Filter Connection
11.9.2 Parameters
Table 42. PLL Filter Characteristics
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
11.10 DC Characteristics - In System Programming
11.11.1 Schematic
Figure 15. ISP Pull-Down Connection
11.12.2 Parameters
Table 43. ISP Pull-Down Characteristics
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
VSS
PFILT
R
C1
C2
VSS
Symbol
Parameter
Min
Typ
Max
Unit
R
Filter Resistor
100
Ω
C1
Filter Capacitance 1
10
nF
C2
Filter Capacitance 2
2.2
nF
VSS
ISP#
RISP
Symbol
Parameter
Min
Typ
Max
Unit
R
ISP
ISP Pull-Down Resistor
2.2
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com