Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51SND1-ROTIL Datasheet(PDF) 33 Page - ATMEL Corporation

Part # T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 29Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 30Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 31Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 32Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 33Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 34Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 35Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 36Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
33
T8xC51SND1
Rev. D – 15-Nov-01
10. Absolute Maximum Rating and Operating Conditions
10.1 Absolute Maximum Rating
Table 37. Absolute Maximum Ratings
Storage Temperature .................................................... -65 to +150
°C
Voltage on any other Pin to V
SS .................................... -0.3 to +4.0 V
I
OL per I/O Pin
5 mA
Power Dissipation ......................................................... 1 W
10.2 Operating Conditions
Table 38. Operating Conditions
Ambient Temperature Under Bias ................................. -40 to +85
°C
V
DD ................................................................................................................... 2.7 to 3.3V
Note:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent
damage. These are stress ratings only. Operation beyond the “operating conditions” is
not recommended and extended exposure beyond the “Operating Conditions” may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com