Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 13Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 14Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 15Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 16Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 17Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 18Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 19Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 20Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
17
T8xC51SND1
Rev. D – 15-Nov-01
Table 20. Port SFRs
Table 21. Flash Memory SFR
Table 22. Timer SFRs
Table 23. MP3 Decoder SFRs
Mnemonic
Add
Name
7
6
5
432
1
0
P0
80h
8-bit Port 0
P1
90h
8-bit Port 1
P2
A0h
8-bit Port 2
P3
B0h
8-bit Port 3
P4
C0h
8-bit Port 4
P5
D8h
4-bit Port 5



Mnemonic
Add
Name
7
6
5
432
1
0
FCON
D1h
Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Mnemonic
Add
Name
7
6
5
432
1
0
TCON
88h
Timer/Counter 0 and
1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and
1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
TL0
8Ah
Timer/Counter 0 Low
Byte
TH0
8Ch
Timer/Counter 0
High Byte
TL1
8Bh
Timer/Counter 1 Low
Byte
TH1
8Dh
Timer/Counter 1
High Byte
WDTRST
A6h
WatchDog Timer
Reset
WDTPRG
A7h
WatchDog Timer
Program
-
-
-
-
-
WTO2
WTO1
WTO0
Mnemonic
Add
Name
7
6
5
432
1
0
MP3CON
AAh
MP3 Control
MPEN
MPBBST
CRCEN
MSKANC
MSKREQ
MSKLAY
MSKSYN
MSKCRC
MP3STA
C8h
MP3 Status
MPAN
C
MPREQ
ERRLAY
ERRSYN
ERRCRC
MPFS1
MPFS0
MPVER
MP3STA1
AFh
MP3 Status 1
-
-
-
MPFREQ
MPBREQ
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com