Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 34 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 30Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 31Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 32Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 33Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 34Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 35Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 36Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 37Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
T8xC51SND1
Rev. D – 15-Nov-01
11. DC Characteristics
11.1 DC Characteristics - Digital Logic
Table 39. Digital DC Characteristics
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
Notes:
1. Typical values are obtained using V
DD= 3 V and TA= 25°C. They are not tested and
there is no guarantee on these values.
Symbol
Parameter
Min
Typ
1
Max
Units
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2·V
DD -0.1
V
VIH1
Input High Voltage (except
RST)
0.2·VDD +0.9
VDD
V
V
IH2
Input High Voltage (RST)
0.7·V
DD
V
DD +0.5
V
V
OL1
Output Low Voltage
(except P0, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK,
DSEL, DOUT)
0.45
V
I
OL= 1.6 mA
V
OL2
Output Low Voltage
(P0, ALE, MCMD, MDAT,
MCLK, SCLK, DCLK, DSEL,
DOUT)
0.45
V
I
OL= 3.2 mA
V
OH1
Output High Voltage
(P1, P2, P3, P4 and P5)
V
DD -0.7
V
I
OH= -30 µA
VOH2
Output High Voltage
(P0, P2 address mode, ALE,
MCMD, MDAT, MCLK,
SCLK, DCLK, DSEL, DOUT)
VDD -0.7
V
IOH= -3.2 mA
I
IL
Logical 0 Input Current (P1,
P2, P3, P4 and P5)
-50
µA Vin = 0.45 V
I
LI
Input Leakage Current (P0,
ALE, MCMD, MDAT, MCLK,
SCLK, DCLK, DSEL, DOUT)
10
µA 0.45 < V
IN < VDD
I
TL
Logical 1 to 0 Transition
Current
(P1, P2, P3, P4 and P5)
-650
µA Vin = 2.0 V
R
RST
Pull-Down Resistor
50
90
200
k
Ω
C
IO
Pin Capacitance
10
pF
T
A= 25°C
V
RET
V
DD Data Retention Limit
1.8
V
IDD
Operating Current
TBD
TBD
mA
12 MHz, V
DD < 3.3 V
16 MHz, VDD < 3.3 V
20 MHz, V
DD < 3.3 V
I
DL
Idle Mode Current
TBD
TBD
mA
12 MHz, V
DD < 3.3 V
16 MHz, V
DD < 3.3 V
20 MHz, VDD < 3.3 V
IPD
Power-Down Current
TBD
TBD
µAV
RET < VDD < 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com