Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 51 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 47Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 48Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 49Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 50Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 51Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 52Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 53Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 54Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
51
T8xC51SND1
Rev. D – 15-Nov-01
12.24 AC Characteristics - Analog to Digital Converter
12.25.1 Definition of symbols
Table 57. Analog to Digital Converter Timing Symbol Definitions
12.26.2 Characteristics
Table 58. Analog to Digital Converter AC Characteristics
VDD= 2.7 to 3.3 V, TA= 0 to 70
°C
Notes:
1. AV
DD= AVREFP= 3.0 V, AVSS= AVREFN= 0 V. ADC is monotonic with no missing code.
2. The differential non-linearity is the difference between the actual step width and the
ideal step width (see Figure 28).
3. The integral non-linearity is the peak difference between the center of the actual step
and the ideal transfer curve after appropriate adjustment of gain and offset errors
(see Figure 28).
4. The offset error is the absolute difference between the straight line which fits the
actual transfer curve (after removing of gain error), and the straight line which fits the
ideal transfer curve (see Figure 28).
5. The gain error is the relative difference in percent between the straight line which fits
the actual transfer curve (after removing of offset error), and the straight line which
fits the ideal transfer curve (see Figure 28).
12.27.3 Waveforms
Figure 27. Analog to Digital Converter Internal Waveforms
Signals
Conditions
C
Clock
H
High
E
Enable (ADEN bit)
L
Low
S
Start Conversion
(ADSST bit)
Symbol
Parameter
Min
Max
Unit
TCLCL
Clock Period
1.43
µs
TEHSH
Start-up Time
4
µs
TSHSL
Conversion Time
11·TCLCL
µs
DLe
Differential non-
linearity error
1, 2
TBD
LSB
ILe
Integral non-
linearity error1, 3
TBD
LSB
OSe
Offset error1, 4
TBD
LSB
Ge
Gain error1, 5
TBD
%
ADEN Bit
ADSST Bit
T
EHSH
TSHSL
CLK
T
CLCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com