Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 22 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 18Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 19Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 20Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 21Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 22Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 23Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 24Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 25Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
T8xC51SND1
Rev. D – 15-Nov-01
8. In System & In Application Programming
8.1 Introduction
As described in the section “Program/Code Memory” of the T8xC51SND1 design guide,
The T89C51SND1 implements a 4 Kbytes FLASH boot memory. This boot memory is
delivered programmed with a standard boot loader software allowing In System Pro-
gramming (ISP). It also contains some Application Programming Interface routines
named API routines allowing In Application Programming (IAP) by using user’s own
boot loader.
8.2 In System Programming
The ISP boot process is divided in two different processes: the hardware and software
boot process detailed in the following sections.
8.3.1 Hardware Boot Process
As detailed in Figure 8 there are two hardware conditions that allow user executing the
boot loader: the hardware and the programmed conditions.
Hardware condition
The hardware condition is based on the ISP# pin. When driving this pin to low level, the
chip reset forces the execution of the boot loader software.
The hardware condition takes precedence on the programmed condition and always
allows in system recovery when user’s memory has been corrupted.
Programmed Condition
The programmed condition is based on the Boot Loader Jump Bit (BLJB) in the hard-
ware security bytes (HSB). When this bit is programmed (by hardware or software
programming mode), the chip reset forces the execution of the boot loader software.
8.4.2 Software Boot Process
Whatever the physical medium may be, the boot loader software always starts execu-
tion by testing FCON to know if execution comes from hardware or programmed
condition. If it is from hardware condition, the Atmel’s boot loader is executed. If it is
from programmed condition, the Software Boot Vector (SBV) is used to build a 16-bit
address, SBV content being the MSB and the LSB being 00h. If this address is valid (<
F000h), jump is done to this address to execute user’s boot loader. Otherwise jump is
done to the Atmel’s boot loader. This implies that user’s boot loader does not execute
any code mapped from F000h to FFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com