Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 37 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 33Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 34Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 35Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 36Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 37Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 38Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 39Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 40Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
37
T8xC51SND1
Rev. D – 15-Nov-01
11.3 DC Characteristics - A to D Converter
Table 40. A to D Converter DC Characteristics
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
11.4 DC Characteristics - Oscillator & Crystal
11.5.1 Schematic
Figure 13. Crystal Connection
Note:
For operation with most standard crystals, no external components are needed on X1
and X2. It may be necessary to add external capacitors on X1 and X2 to ground in spe-
cial cases (max 10 pF). X1 and X2 may not be used to drive other circuits.
11.6.2 Parameters
Table 41. Oscillator & Crystal Characteristics
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
AVDD
Analog Supply Voltage
2.7
3.3
V
AI
DD
Analog Operating Supply
Current
600
µA
AVDD= 3.3V
AIN1:0= 0 to AV
DD
AIPD
Analog Standby Current
2
µA
AV
DD= 3.3V
ADEN= 0 or PD= 1
AV
IN
Analog Input Voltage
AV
SS
AV
DD
V
AVREF
Reference Voltage
AREFN
A
REFP
AVSS
2.4
AV
DD
V
V
R
REF
AREF Input Resistance
10
30
K
Ω
T
A= 25°C
C
IA
Analog Input capacitance
10
pF
T
A= 25°C
VSS
X1
X2
Q
C1
C2
Symbol
Parameter
Min
Typ
Max
Unit
C
X1
Internal Capacitance (X1 - VSS)
10
pF
C
X2
Internal Capacitance (X2 - VSS)
10
pF
C
L
Equivalent Load Capacitance (X1 - X2)
5
pF
DL
Drive Level
50
µW
F
Crystal Frequency
20
MHz
RS
Crystal Series Resistance
40
Ω
CS
Crystal Shunt Capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com