Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 14Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 15Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 16Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 17Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 18Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 19Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 20Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 21Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
T8xC51SND1
Rev. D – 15-Nov-01
Table 24. Audio Interface SFRs
Table 25. USB Controller SFRs
MP3DAT
ACh MP3 Data
MPD7
MPD6
MPD5
MPD4
MPD3
MPD2
MPD1
MPD0
MP3ANC
ADh MP3 Ancillary Data
AND7
AND6
AND5
AND4
AND3
AND2
AND1
AND0
MP3VOL
9Eh
MP3 Audio Volume
Control Left
-
-
-
VOL4
VOL3
VOL2
VOL1
VOL0
MP3VOR
9Fh
MP3 Audio Volume
Control Right
-
-
-
VOR4
VOR3
VOR2
VOR1
VOR0
MP3BAS
B4h
MP3 Audio Bass
Control
-
-
-
BAS4
BAS3
BAS2
BAS1
BAS0
MP3MED
B5h
MP3 Audio Medium
Control
-
-
-
MED4
MED3
MED2
MED1
MED0
MP3TRE
B6h
MP3 Audio Treble
Control
-
-
-
TRE4
TRE3
TRE2
TRE1
TRE0
MP3CLK
EBh
MP3 Clock Divider
-
-
-
MPCD4
MPCD3
MPCD2
MPCD1
MPCD0
Mnemonic
Add
Name
7
6
5
432
1
0
Mnemonic
Add
Name
7
6
5
432
1
0
AUDCON0
9Ah
Audio Control 0
JUST4
JUST3
JUST2
JUST1
JUST0
POL
DSIZ
HLR
AUDCON1
9Bh
Audio Control 1
SRC
DRQEN
MSREQ
MUDRN
-
DUP1
DUP0
AUDEN
AUDSTA
9Ch
Audio Status
SREQ
UDRN
AUBUSY
-
-
-
-
-
AUDDAT
9Dh
Audio Data
AUD7
AUD6
AUD5
AUD4
AUD3
AUD2
AUD1
AUD0
AUDCLK
ECh Audio Clock Divider
-
-
-
AUCD4
AUCD3
AUCD2
AUCD1
AUCD0
Mnemonic
Add
Name
7
6
5
432
1
0
USBCON
BCh USB Global Control
USBE
SUSPCLK
SDRMWUP
-
UPRSM
RMWUPE
CONFG
FADDEN
USBADDR
C6h
USB Address
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
USBINT
BDh USB Global Interrupt
-
-
WUPCPU
EORINT
SOFINT
-
-
SPINT
USBIEN
BEh
USB Global Interrupt
Enable
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT
UEPNUM
C7h
USB Endpoint
Number
-
-
-
-
-
-
EPNUM1
EPNUM0
UEPCONX
D4h
USB Endpoint X
Control
EPEN
-
-
-
DTGL
EPDIR
EPTYPE1
EPTYPE0
UEPSTAX
CEh
USB Endpoint X
Status
DIR
-
STALLRQ
TXRDY
STLCRC
RXSETUP
RXOUT
TXCMP
UEPRST
D5h
USB Endpoint Reset
-
-
-
-
EP3RST
EP2RST
EP1RST
EP0RST
UEPINT
F8h
USB Endpoint
Interrupt
-
-
-
-
EP3INT
EP2INT
EP1INT
EP0INT
UEPIEN
C2h
USB Endpoint
Interrupt Enable
-
-
-
-
EP3INTE
EP2INTE
EP1INTE
EP0INTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com