Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 26 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 22Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 23Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 24Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 25Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 26Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 27Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 28Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 29Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
T8xC51SND1
Rev. D – 15-Nov-01
04h
05h
XXXX
Read Data: DATA[4]= 00h
Read data from address given by DATA[1:0] (start address) to
address given by DATA[3:2] (end address).
Return
“AAAA=DD…DD” up to 16 data bytes by line.
05h
XXXX
Blank Check: DATA[4]= 01h
Check blanked data from address given by DATA[1:0] (start
address) to address given by DATA[3:2] (end address).
Return
“.”
Done.
“XXXX”
First address not blanked.
05h
02h
XXXX
Read Id: DATA[0]= 00h
DATA[1]= 00h
Return manufacturer id.
DATA[1]= 01h
Return device id 1.
DATA[1]= 02h
Return device id 2.
DATA[1]= 03h
Return device id 3.
Return
“XX”
Selected id value.
02h
XXXX
Read Special Bytes: DATA[0]= 07h
DATA[1]= 00h
Return SSB.
DATA[1]= 01h
Return BSB.
DATA[1]= 02h
Return SBV.
Return
“XX”
Selected byte value.
01h
XXXX
Read HSB: DATA[0]= 0Bh
Return HSB.
Return
“XX”
HSB value.
02h
XXXX
Read Boot Id: DATA[0]= 0Eh
DATA[1]= 00h
Return boot id 1.
DATA[1]= 01h
Return boot id 1.
Return
“XX”
Selected id value.
01h
XXXX
Read Boot Loader Version: DATA[0]= 0Fh
Return boot loader version.
Return
“XX”
Boot loader version.
TYPE
SIZE
ADDRESS
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com