Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 15Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 16Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 17Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 18Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 19Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 20Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 21Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 22Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
19
T8xC51SND1
Rev. D – 15-Nov-01
Table 26. MMC Controller SFRs
Table 27. IDE Interface SFR
Table 28. Serial I/O Port SFRs
UEPDATX
CFh
USB Endpoint X Fifo
Data
FDAT7
FDAT6
FDAT5
FDAT4
FDAT3
FDAT2
FDAT1
FDAT0
UBYCTX
E2h
USB Endpoint X Byte
Counter
-
BYCT6
BYCT5
BYCT4
BYCT3
BYCT2
BYCT1
BYCT0
UFNUML
BAh
USB Frame Number
Low
FNUM7
FNUM6
FNUM5
FNUM4
FNUM3
FNUM2
FNUM1
FNUM0
UFNUMH
BBh
USB Frame Number
High
-
-
CRCOK
CRCERR
-
FNUM10
FNUM9
FNUM8
USBCLK
EAh
USB Clock Divider
-
-
-
-
-
-
USBCD1
USBCD0
Mnemonic
Add
Name
7
6
5
432
1
0
Mnemonic
Add
Name
7
6
5
432
1
0
MMCON0
E4h
MMC Control 0
DRPTR
DTPTR
CRPTR
CTPTR
MBLOCK
DFMT
RFMT
CRCDIS
MMCON1
E5h
MMC Control 1
BLEN3
BLEN2
BLEN1
BLEN0
DATDIR
DATEN
RESPEN
CMDEN
MMCON2
E6h
MMC Control 2
MMCE
N
DCR
CCR
-
-
DATD1
DATD0
FLOWC
MMSTA
DEh
MMC Control and
Status
-
-
CBUSY
CRC16S
DATFS
CRC7S
RESPFS
CFLCK
MMINT
E7h
MMC Interrupt
MCBI
EORI
EOCI
EOFI
F2FI
F1FI
F2EI
F1EI
MMMSK
DFh
MMC Interrupt Mask
MCBM
EORM
EOCM
EOFM
F2FM
F1FM
F2EM
F1EM
MMCMD
DDh MMC Command
MC7
MC6
MC5
MC4
MC3
MC2
MC1
MC0
MMDAT
DCh MMC Data
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
MMCLK
EDh MMC Clock Divider
MMCD
7
MMCD6
MMCD5
MMCD4
MMCD3
MMCD2
MMCD1
MMCD0
Mnemonic
Add
Name
7
6
5
432
1
0
DAT16H
F9h
High Order Data
Byte
D15
D14
D13
D12
D11
D10
D9
D8
Mnemonic
Add
Name
7
6
5
432
1
0
SCON
98h
Serial Control
FE/SM
0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h
Slave Address Mask
SADDR
A9h
Slave Address
BDRCON
92h
Baud Rate Control
BRR
TBCK
RBCK
SPD
SRC
BRL
91h
Baud Rate Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com