Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 52 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 48Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 49Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 50Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 51Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 52Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 53Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 54Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 55Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
T8xC51SND1
Rev. D – 15-Nov-01
Figure 28. Analog to Digital Converter Characteristics
12.28 AC Characteristics - FLASH Memory
12.29.1 Definition of symbols
Table 59. FLASH Memory Timing Symbol Definitions
12.30.2 Timings
Table 60. FLASH Memory AC Timing
VDD= 2.7 to 3.3 V, TA= -40 to +85
°C
1
2
3
4
5
6
7
1018 1019 1020 1021 1022 1023 1024
1
2
3
4
5
6
7
1018
1019
1020
1021
1022
1023
Offset
Error
Code Out
AVIN (LSBideal)
OSe
Offset
Error
OSe
Gain
Error
Ge
Ideal Transfer curve
1 LSB
(ideal)
Integral non-linearity (ILe)
Differential non-linearity (DLe)
Center of a step
Example of an actual transfer curve
0
0
Signals
Conditions
S
ISP#
L
Low
R
RST
V
Valid
B
FBUSY flag
X
No Longer Valid
Symbol
Parameter
Min
Typ
Max
Unit
T
SVRL
Input ISP# Valid to RST Edge
50
ns
T
RLSX
Input ISP# Hold after RST Edge
50
ns
T
BHBL
FLASH Internal Busy (Programming) Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com