Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C51SND1-ROTIL Datasheet(PDF) 53 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 49Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 50Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 51Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 52Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 53Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 54Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 55Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 56Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
53
T8xC51SND1
Rev. D – 15-Nov-01
12.31.3 Waveforms
Figure 29. FLASH Memory - ISP Waveforms
Note:
ISP# must be driven through a pull-down resistor (see Section 11.10, page 38).
Figure 30. FLASH Memory - Internal Busy Waveforms
12.32 AC Characteristics - External Clock Drive and Logic Level References
12.33.1 Definition of symbols
Table 61. External Clock Timing Symbol Definitions
12.34.2 Timings
Table 62. External Clock AC Timings
VDD= 2.7 to 3.3 V, TA= 0 to 70
°C
12.35.3 Waveforms
Figure 31. External Clock Waveform
RST
T
SVRL
ISP#1
T
RLSX
FBUSY bit
T
BHBL
Signals
Conditions
C
Clock
H
High
L
Low
X
No Longer Valid
Symbol
Parameter
Min
Max
Unit
TCLCL
Clock Period
50
ns
TCHCX
High Time
10
ns
TCLCX
Low Time
10
ns
TCLCH
Rise Time
3
ns
TCHCL
Fall Time
3
ns
TCR
Cyclic Ratio in X2 mode
40
60
%
0.45 V
T
CLCL
VDD - 0.5
VIH1
V
IL
T
CHCX
T
CLCH
T
CHCL
T
CLCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com