Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 4Page - Linear Technology LTC1698IGN Datasheet HTML 5Page - Linear Technology LTC1698IGN Datasheet HTML 6Page - Linear Technology LTC1698IGN Datasheet HTML 7Page - Linear Technology LTC1698IGN Datasheet HTML 8Page - Linear Technology LTC1698IGN Datasheet HTML 9Page - Linear Technology LTC1698IGN Datasheet HTML 10Page - Linear Technology LTC1698IGN Datasheet HTML 11Page - Linear Technology LTC1698IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1698
1698f
BLOCK DIAGRA
I-TO-V CONVERTER
RMARGIN
20k
ROVP
3k
100k
VFB
0.94VREF
MPWRGD
RILIM
3k
MILIM
MARGIN
7
SYNC
15
OPTODRV
5
±5% VREF
VREF
BANDGAP
SYNC IN
VCC
VDD
VAUX
14
–
+
–
+
ERR
–
+
ILIM
25mV
–
+
OVP
VREF
1698 BD
+
OPTO
PWRGD
10
OVPIN
9
ICOMP
13
ISNS
12
ISNSGND
11
VCOMP
6
VFB
8
CG
2
FG
16
PWRGD
AUX GEN
VCC GEN
1
OPERATIO
The LTC1698 is a secondary-side synchronous rectifier
controller designed to work with the LT3781 primary-side
synchronous controller chip to form an isolated synchro-
nous forward converter. This chip set uses a dual transis-
tor forward topology that is predominantly used in distrib-
uted power supply systems where isolated low voltages
are needed to power complex electronic equipment. The
primary stage is a current mode, fixed frequency forward
converter and provides the typical PWM operation. A
power transformer is used to provide the functions of
input/output isolation and voltage step-down to achieve
the required low output voltage. Instead of using typical
Schottky diodes, synchronous rectification on the sec-
ondary offers isolation with high efficiency. It supplies
high power without the need of bulky heat sinks, which is
often a problem in any space constrained application.
The LTC1698 not only provides synchronous drivers for
the external MOSFETs, it comes with other housekeeping
functions performed on the secondary side of the power
supply, all within a single integrated controller. Figure 1
shows the typical chip-set application. Upon power up, the
LTC1698’s VDD input is low, the gate drivers TG and BG are
both at the ground potential. The secondary forward and
(Refer to Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com