Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 12Page - Linear Technology LTC1698IGN Datasheet HTML 13Page - Linear Technology LTC1698IGN Datasheet HTML 14Page - Linear Technology LTC1698IGN Datasheet HTML 15Page - Linear Technology LTC1698IGN Datasheet HTML 16Page - Linear Technology LTC1698IGN Datasheet HTML 17Page - Linear Technology LTC1698IGN Datasheet HTML 18Page - Linear Technology LTC1698IGN Datasheet HTML 19Page - Linear Technology LTC1698IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1698
1698f
Power Transformer Selection
The forward transformer provides DC isolation and deliv-
ers energy from the primary to the secondary. Unlike the
flyback topology, the transformer in the forward converter
is not an energy storage device. As such, ungapped ferrite
material is typically used. Select a power material rated
with low loss at the switching frequency. Many core
manufacturers have selection guides and application notes
for transformer design. A brief overview of the more
important design considerations is presented here.
For operating frequencies greater than 100kHz, the flux
in the core is usually limited by core loss, not saturation.
It is important to review both criteria when selecting the
transformer. The AC operating flux density for core loss is
given by:
B
VDC
NA
f
AC
IN
Pe
SW
=
••
••
•
10
2
8
where:
BAC is the AC operating flux density (gauss)
DC is the operating duty cycle
Ae is the effective cross sectional core area (cm2)
fSW is the switching frequency
To prevent core saturation during a transient condition,
the peak flux density is:
B
V
DC MAX
NA
f
PK
IN MAX
Pe
SW
=
() •(
)•
••
108
The minimum secondary turns count is:
NN
VV
V
D C MAX
S MIN
P
OUT
D
IN MIN
()
()
•
•(
)
=
+
where:
VOUT is the secondary output voltage
VD is the voltage drop across the rectifier in the secondary
VIN(MIN) is the minimum input voltage
DC(MAX) is the maximum duty cycle
The core must be sized to provide sufficient window area
for the amount of wire and insulation needed. The best
performance is achieved by making each winding a single
layer evenly distributed across the width of the bobbin.
Multiple layers may be used to increase the copper area.
Interleaving the primary and secondary windings will
decrease the leakage inductance.
In a single-ended forward converter, much of the energy
stored in the leakage inductance is dissipated in the
primary-side MOSFET during turn-off. It is good design
practice to sandwich the secondary winding between two
primary windings.
For the 2-transistor forward converter shown in Figure 1,
energy stored in the leakage inductance is returned to the
input by diodes D1 and D2. With this topology, additional
insulation for higher isolation can be used without signifi-
cant penalty.
For a more detailed discussion on transformer core and
winding losses, see Application Note AN19.
Inductor Selection
The output inductor in a typical LTC1698 circuit is chosen
for inductance value and saturation current rating. The
output inductor in a forward converter operates the same
as in a buck regulator. The inductance sets the ripple
current, which is commonly chosen to be 40% of the full
load current. Ripple current is set by:
I
Vt
L
RIPPLE
OUT
OFF MAX
=
•
()
where:
t
DC MIN
f
OFF MAX
SW
()
–(
)
= ()
1
and DC(MIN) is calculated based on the maximum input
voltage.
DC MIN
N
N
V
V
P
S
OUT
IN MAX
()
•
()
=
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com