Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 16Page - Linear Technology LTC1698IGN Datasheet HTML 17Page - Linear Technology LTC1698IGN Datasheet HTML 18Page - Linear Technology LTC1698IGN Datasheet HTML 19Page - Linear Technology LTC1698IGN Datasheet HTML 20Page - Linear Technology LTC1698IGN Datasheet HTML 21Page - Linear Technology LTC1698IGN Datasheet HTML 22Page - Linear Technology LTC1698IGN Datasheet HTML 23Page - Linear Technology LTC1698IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1698
1698f
©LINEAR TECHNOLOGY CORPORATION 2000
LT/TP 0203 2K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1339
High Power Synchronous DC/DC Controller
Operation Up to 60V Maximum
LT1425
Isolated Flyback Switching Regulator
General Purpose with External Application Resistor
LT1431
Programmable Reference
0.4% Initial Voltage Tolerance
LT1680
High Power DC/DC Step-Up Controller
Operation Up to 60V Maximum
LT1681
Dual Transistor Synchronous Forward Controller
Operation Up to 72V Maximum
LT1725
General Purpose Isolated Flyback Controller
Drives External Power MOSFET with External ISENSE Resistor
LT1737
High Power Isolated Flyback Controller
Sense Output Voltage Directly from Primary-Side Winding
LT3710
Secondary Side Synchronous Post Regulator
Generates a Regulated Auxiliary Output in Isolated DC/DC Converters, Dual
N-Channel MOSFET Synchronous Drivers
LT3781
Dual Transistor Synchronous Forward Controller
Operation up to 72V Maximum
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATIO S
LT3781/LTC1698 Isolated 3.3V/15A Converter
LT3781/LTC1698 Isolated 3.3V/15A Converter
LOAD CURRENT (A)
0
95
90
85
80
75
70
65
5
10
15
20
1698 TA01
25
30
VIN = 36V
VIN = 72V
VIN = 48V
IOUT (XX)
0
95
90
85
80
75
70
12
1698 TA02
3
6
9
15
VIN = 36V
VIN = 72V
VIN = 48V
LT3781/LTC1698 Isolated 3.3V/15A Converter
Efficiency vs Load Current
LT3781/LTC1698 Isolated 5V/30A Converter
Efficiency vs Load Current
TOP
BOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com