Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 13Page - Linear Technology LTC1698IGN Datasheet HTML 14Page - Linear Technology LTC1698IGN Datasheet HTML 15Page - Linear Technology LTC1698IGN Datasheet HTML 16Page - Linear Technology LTC1698IGN Datasheet HTML 17Page - Linear Technology LTC1698IGN Datasheet HTML 18Page - Linear Technology LTC1698IGN Datasheet HTML 19Page - Linear Technology LTC1698IGN Datasheet HTML 20Page - Linear Technology LTC1698IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1698
1698f
Once the value of the inductor has been determined, an
inductor with sufficient DC current rating is selected. Core
saturation must be avoided under all operating conditions.
Under start-up conditions, the converter sees a short
circuit while charging the output capacitor. If the inductor
saturates, the peak current will dramatically increase. The
current will be limited only by the primary controller
minimum on time and the circuit impedances.
High efficiency converters generally cannot afford the core
loss found in low cost iron powder cores, forcing the use
of more expensive ferrite, molypermalloy, or Kool M
µ®
cores. As inductance increases, core loss goes down.
Increased inductance requires more turns of wire so
copper losses will increase. The optimum inductor will
have equal core and copper loss.
Ferrite designs have very low core losses and are preferred
at higher switching frequencies. Therefore, design goals
concentrate on minimizing copper loss and preventing
saturation. Kool M
µ is a very good, low-loss powder
material with a “soft” saturation characteristic.
Molypermalloy is more efficient at higher switching fre-
quencies, but is also more expensive. Surface mount
designs are available from many manufacturers using all
of these materials.
Output Capacitor Selection
The output capacitor selection is primarily determined by
the effective series resistance (ESR) to minimize voltage
ripple. In a forward converter application, the inductor
current is constantly flowing to the output capacitor,
therefore, the ripple current at the output capacitor is
small. The output ripple voltage is approximately given by:
V
I
ESR
fC
RIPPLE
RIPPLE
SW
OUT
≈+


•
••
1
8
The output ripple is highest at maximum input voltage
since IRIPPLE increases with input voltage. Typically, once
the ESR requirement for COUT has been satisfied the
capacitance is adequate for filtering and has the required
RMS current rating.
Fast load current transitions at the output will appear as a
voltage across the ESR of the output capacitor until the
feedback loop can change the inductor current to match
the new load current value. As an example: at 3.3V out, a
10A load step with a 0.01
Ω ESR output capacitor would
experience a 100mV step at the output, a 3% output
change. In surface mount applications, multiple capaci-
tors may have to be placed in parallel to meet the ESR
requirement.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1698. These items are also illustrated graphically in
Figure 9. Check the following for your layout:
1. Keep the power circuit and the signal circuit segre-
gated. Place the power circuit, shown in bold, so that
the two MOSFET drain connections are made directly at
the transformer. The two MOSFET sources should be as
close together as possible.
2. Connect PGND directly to the sense resistor with as
short a path as possible. The MOSFET gate drive return
currents flow through this connection.
3. Connect the 4.7
µF ceramic capacitor directly between
VDD and PGND. This supplies the FG and CG drivers and
must supply the gate drive current.
4. Bypass the VAUX supply with a 0.1µF ceramic capacitor
returned to GND.
5. Place all signal components in close proximity to their
associated LTC1698 pins. Return all signal component
grounds directly to the GND pin. One common connec-
tion can be made to VOUT+ from R2, R5 and CCILM.
6. Make the connection between GND and PGND right at
the LTC1698 pins.
7. Use a Kelvin-sense connection from the ISNSandISNSGND
pins to the secondary-side current-limit resistor
RSECSEN.
APPLICATIO S I FOR ATIO
Kool M
µ is a registered trademark of Magnetics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com