Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 9Page - Linear Technology LTC1698IGN Datasheet HTML 10Page - Linear Technology LTC1698IGN Datasheet HTML 11Page - Linear Technology LTC1698IGN Datasheet HTML 12Page - Linear Technology LTC1698IGN Datasheet HTML 13Page - Linear Technology LTC1698IGN Datasheet HTML 14Page - Linear Technology LTC1698IGN Datasheet HTML 15Page - Linear Technology LTC1698IGN Datasheet HTML 16Page - Linear Technology LTC1698IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1698
1698f
supply must cross the isolation boundary. Coupling this
signal requires an element that will withstand the isolation
potentials and still transfer the loop error signal.
Optocouplers are widely used for this function due to their
ability to couple DC signals. To properly apply them, a
number of factors must be considered. The gain, or
current transfer ratio (CTR) through an optocoupler is
loosely specified and is a strong function of the input
current through the diode. It changes considerably as a
function of time (aging) and temperature. The amount of
aging accelerates with higher operating current. This
variation directly affects the overall loop gain of the sys-
tem. To be an effective optical detector, the output transis-
tor of the optocoupler must have a large base area to
collect the light energy. This gives it a large collector to
base capacitance which can introduce a pole into the
feedback loop. This pole varies considerably with the
current and interacts with the overall loop frequency
compensation network.
The common collector optocoupler configuration removes
the miller effect due to the parasitic capacitance and
increases the frequency response. Figure 7 shows the
optocoupler feedback circuitry using the common collec-
tor approach. Note that the terms RD, CTR, CDE and rπ vary
from part to part. They also change with bias current. The
dominant pole of the opto feedback is due to RF and CF. The
feedforward capacitor CK at the optocoupler creates a low
frequency zero. This zero should be chosen to provide a
phase boost at the loop crossover frequency. The parallel
combination of RK and RD form a high frequency pole with
CK. For most optocouplers, RD is 50Ω at a DC bias of 1mA,
and 25
Ω at a DC bias of 2mA. The CTR term is the small
signal AC current transfer ratio. For the QT Optoelectron-
ics MOC207 optocoupler used here, the AC CTR is around
1, even though the DC CTR is much lower when biased at
1mA or 2mA. The first denominator term in the VC/VOUT
equation has been simplified and assumes that CFB<<CC.
The actual term is:
sR
C
C
sR
CC
CC
CFB
C
CFB
CFB
•• (
)•
•
•
•
21
++
+


APPLICATIO S I FOR ATIO
V
V
sC
R
sR
C
s R
C
sR
C
sC
RR
RR
R
CTR
RR
s r
C
s R
C
C
OUT
CC
CC
FB
KK
K
KD
KD
F
DK
DE
F
F
=
+
+
+
+
+


+


++
π
–
(•
•
)
( ••)• (
•
•
)
••
(•
•
)
••
•
•
•
•
(•
•
)
•
(•
•
)
1
21
5
1
1
1
1
1
1
where
where
R
Optocoupler diode equivalent small signal resis
ce
CTR
Optocoupler current transfer ratio
C
Optocoupler nonlinear capacitor across base to emitter
r
Optocoupler small signal resis
ce across the base emitter
D
DE
:
tan
tan
=−
=
=
=−
π
20k
VREF
VCOMP
CC
CFB
RC
VREF
R2
VOUT
LTC1698
VFB
1698 F07
100k
OPTODRV
RK
CK
MOC207
–
+
–
+
VREF
LT3781
VFB
VCC
CF
VC
RF
R1
RE
–
+
Figure 7. Error Signal Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com