Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 11Page - Linear Technology LTC1698IGN Datasheet HTML 12Page - Linear Technology LTC1698IGN Datasheet HTML 13Page - Linear Technology LTC1698IGN Datasheet HTML 14Page - Linear Technology LTC1698IGN Datasheet HTML 15Page - Linear Technology LTC1698IGN Datasheet HTML 16Page - Linear Technology LTC1698IGN Datasheet HTML 17Page - Linear Technology LTC1698IGN Datasheet HTML 18Page - Linear Technology LTC1698IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1698
1698f
If the application generates a bigger current sense voltage,
a potential divider can be easily obtained by adding a
resistor across C2. With this additional resistor, the volt-
age sensed by the current comparator becomes:
R
RR
V
DIV
DIV
RSENSE
+ (• )
•
26
An RC network formed by RCILM and CCILM between ICOMP
and VOUT can be used to stabilize the current limit loop.
Connecting the compensation network to VOUT minimizes
output overshoot during start-up or short-circuit recov-
ery. The RCILM and CCILM zero should be chosen to be well
within the closed-loop crossover frequency. This pin can
be left floating if current loop compensation is not re-
quired. The forward converter secondary current limit func-
tion can be disabled by shorting ISNSandISNSGNDtoground.
Auxiliary 3.3V Logic Power Supply
An internal P-channel LDO (low dropout regulator) pro-
duces the 3.3V auxiliary supply that can power external
devices or drive the MARGIN pin. This supply can source
up to 10mA of current and the current limit is provided
internally. The pin requires at least a 0.1
µF bypass
capacitor.
MOSFET Selection
Two logic-level N-channel power MOSFETs (Q3 and Q4 in
Figure 1) are required for most LTC1698 circuits. They are
selected based primarily on the on-resistance and body
diode considerations. The required MOSFET RDS(ON)should
be determined based on input and output voltage, allow-
able power dissipation and maximum required output
current.
The average inductor (L1) current is equal to the output
load current. This current is always flowing through either
Q3 or Q4 with the power dissipation split up according to
the duty cycle:
DC Q
V
V
N
N
DC Q
V
V
N
N
OUT
IN
P
S
OUT
IN
P
S
()
•
()
–
•
3
41
=
=


where NP/NS is the turns ratio of the transformer T1.
The RDS(ON) required for a given conduction loss can now
be calculated by rearranging the relation P = I2R.
PI
R
DC Q
R
P
IDC Q
PI
R
DC Q
R
P
IDC Q
MAX Q
MAX
DS ON Q
DS ON Q
MAX Q
MAX
MAX Q
MAX
DS ON Q
DS ON Q
MAX Q
MAX
()
(
)
()
()
()
(
)
()
()
••
(
)
•(
)
••
(
)
•(
)
3
2
3
3
3
2
4
2
4
4
4
2
3
3
4
4
=
⇒=
=
⇒=
where IMAX is the maximum load current and PMAX is the
allowable conduction loss.
In a typical 2-transistor forward converter circuit, the duty
cycle is less than 50% to prevent the transformer core
from saturating. This results in the duty cycle of Q4 being
greater than that of Q3. Q4 will dissipate more power due
to the higher duty cycle. A lower RDS(ON) MOSFET can be
used for Q4. This will slow down the turn-on time of Q4
since a lower RDS(ON) MOSFET will have a larger gate
capacitance.
The next consideration for the MOSFET is the characteris-
tic of the body diode. The body diodes conduct during the
power-up phase, when the LTC1698 VDD supply is ramp-
ing up and the time-out circuit is adapting to the SYNC
input frequency. The CG and FG signals terminate prema-
turely and the inductor current flows through the body
diodes. The body diodes must be able to take the compa-
rable amount of current as the MOSFETs. Most power
MOSFETs have the same current rating for the body diode
and the MOSFET itself.
The LTC1698 CG and FG MOSFET drivers will dissipate
power. This will increase with higher switching frequency,
higher VDD or larger MOSFETs. To calculate the driver
dissipation, the total gate charge Qg is used. This param-
eter is found on the MOSFET manufacturers data sheet.
The power dissipated in each LTC1698 MOSFET driver is:
PDRIVER = Qg • VDD • fSW
where fSW is the switching frequency of the converter.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com