Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 10Page - Linear Technology LTC1698IGN Datasheet HTML 11Page - Linear Technology LTC1698IGN Datasheet HTML 12Page - Linear Technology LTC1698IGN Datasheet HTML 13Page - Linear Technology LTC1698IGN Datasheet HTML 14Page - Linear Technology LTC1698IGN Datasheet HTML 15Page - Linear Technology LTC1698IGN Datasheet HTML 16Page - Linear Technology LTC1698IGN Datasheet HTML 17Page - Linear Technology LTC1698IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1698
1698f
A series RC network can be added in parallel with R2
(Figure 7) to provide a zero for the feedback loop fre-
quency compensation.
The opto driver will drive a capacitive load up to 0.1
µF. For
optocouplers with a base pin, switching signal noise can
get into this high impedance node. Connect a large resis-
tor, 1M or 2M between the base and the emitter. This
increases the diode current and the overall feedback
bandwidth slightly, and decreases the optocoupler gain.
When designing the resistor in series with the optocoupler
diode, it is important to consider the part to part variations
in the current transfer ratio and its reduction over tem-
perature and aging. The bigger the biasing current, the
faster the aging. The LTC1698 opto driver is designed to
source up to 10mA of current and swing between 0.4V to
(VDD – 2.5V). This should meet the design consideration
of most optocouplers.
Besides the voltage feedback function, the LTC1698 opto
driver couples fault signals to the primary controller and
prevents catastrophic damage to the circuit. Upon current
limit or an overvoltage fault, the ILIM or OVP comparator
overrides the error amplifier output and forces the
OPTODRV pin high. This sources maximum current into
the external optodiode and reduces the forward converter
duty cycle.
Average Current Limit
The secondary current limit function is implemented by
measuring the negative voltage across the current sense
resistor RSECSEN. The current limit transconductance
amplifier ILIM has a – 25mV threshold. As shown in
Figure 8, if the secondary current is small, the ICOMP pin
goes low and the transistor MILIM shuts off. The potential
at VCOMP determines the OPTODRV output. If the second-
ary current is large, ICOMP pulls high and forces the tran-
sistor MILIM to turn on hard. Thus the current limit circuit
overrides the voltage feedback and forces OPTODRV high
and injects maximum current into the external optocoupler.
The RILIM resistor provides a linear relationship between
the current sensed and the OPTODRV output.
The ISNS and ISNSGND pins allow a true Kelvin current
sense measurement and offer true differential measure-
ment across the sense resistor. A differential lowpass
filter formed by R6 and C2 removes the pulse-to-pulse
inductor current ripple and generates the average sec-
ondary current which is equal to the load current. The
lowpass corner frequency is typically set to 1 to 2 orders
of magnitude below the switching frequency and follows
the relationship:
R
mV
I
R
C
f
SECSEN
LMAX
SW
=
=
π
25
6
1
22
10
••
where:
RSECSEN = Secondary current sense resistor
ILMAX = Maximum allowed secondary current
fSW = Forward converter switching frequency
APPLICATIO S I FOR ATIO
+
12
11
2
16
OPTO
ILIM
+
OPTODRV
VOUT
RCILM
CCILM
VREF
VCOMP
LTC1698
ISNSGND
ISNS
FG
CG
DRIVE
25mV
20k
100k
MILIM
RILIM
3k
5
ICOMP
13
C2
Q4
Q3
T1
RSECSEN
1698 F08
R6
R6
RDIV
(OPTIONAL)
Figure 8. Secondary Average Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com