Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC1698IGN Datasheet HTML 1Page - Linear Technology LTC1698IGN Datasheet HTML 2Page - Linear Technology LTC1698IGN Datasheet HTML 3Page - Linear Technology LTC1698IGN Datasheet HTML 4Page - Linear Technology LTC1698IGN Datasheet HTML 5Page - Linear Technology LTC1698IGN Datasheet HTML 6Page - Linear Technology LTC1698IGN Datasheet HTML 7Page - Linear Technology LTC1698IGN Datasheet HTML 8Page - Linear Technology LTC1698IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1698
1698f
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 8V, unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired. All voltages refer to GND.
Note 2: The LTC1698 incorporates a 5V linear regulator to power internal
circuitry. Driving these pins above 5.3V may cause excessive current flow.
Guaranteed by design and not subject to test.
Note 3: The LTC1698E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. For guaranteed performance to
specifications over the –40
°C to 85°C range, the LTC1698I is available.
Note 4: All currents into device pins are positive; all currents out of the
device pins are negative. All voltages are referenced to ground unless
otherwise specified. For applications with VDD < 7V, refer to the Typical
Performance Characteristics.
Note 5: Supply current in active operation is dominated by the current
needed to charge and discharge the external FET gates. This will vary with
the LTC1698 operating frequency, supply voltage and the external FETs
used.
Note 6: This parameter is guaranteed by correlation and is not tested.
Note 7: VFB is tested in an op amp feedback loop which servos VFB to the
internal bandgap voltage.
Note 8: The current comparator output current varies linearly with
temperature.
Note 9: The PWRGD and OVP comparators incorporate 10mV of
hysteresis.
Note 10: The driver disable time-out is proportional to the SYNC period
within the frequency synchronization range.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VAUX
VAUX
Auxiliary Supply Voltage
CVAUX = 0.1µF, ILOAD = 0mA to 10mA, VDD = 7V to 12.6V
q
3.135
3.320
3.465
V
Current Limit Amplifier
IISNSGND ISNSGND Input Current
VISNSGND = 0V
q
0.05
1
µA
IISNS
ISNS Input Current
VISNS = 0V
q
0.05
1
µA
VILIMTH
Current Limit Threshold
VICOMP = 2.5V, VISNSGND = 0V
– 27.0
– 25
– 23.0
mV
(VISNS – VISNSGND)
q
– 27.5
– 25
– 22.5
mV
IICOMP
ICOMP Source Current
VISNSGND = 0V, VISNS = – 0.3V, VICOMP = 2.5V (Note 8)
– 280
– 200
– 120
µA
q
– 370
– 200
– 80
µA
ICOMP Sink Current
VISNSGND = 0V, VISNS = 0.3V, VICOMP = 2.5V (Note 8)
120
200
280
µA
q
80
200
370
µA
gmILIM
Current Limit Amplifier
VISNSGND = 0V, VICOMP = 2.5V, IICOMP = ±10µA
q
2.2
3.5
5
millimho
Transconductance
GICOMP
Current Limit Amplifier
VICOMP = 2.5V, No Load
q
48
60
dB
Open-Loop DC Gain
PWRGD and OVP Comparators
VPWRGD Percent Below VFB
VFB ↓, MARGIN = Open (Note 9)
q
–9
–6
–3
%
IPWRGD
Power Good Sink Current
VFB = 2V
q
10
µA
VFB = 0V
q
10
mA
VOL
Power Good Output Low Voltage
IPWRGD = 3mA, VFB = 0V
q
0.4
V
VOVPREF OVPIN Threshold
VFB = VISNS = VISNSGND = 0V, OVPIN ↑ (Note 9)
q
1.18
1.233
1.28
V
IOVPIN
OVPIN Input Bias Current
VOVPIN = 1.233V
q
0.1
1
µA
tPWRGD
Power Good Response Time
VFB ↑
q
125
ms
Power Bad Response Time
VFB ↓
q
0.5
1
2.5
ms
tOVP
Overvoltage Response Time
VOVPIN ↑, COPTODRV = 0.1µF
q
520
µs
SYNC and Drivers
VPT
SYNC Input Positive Threshold
q
1
1.6
2.2
V
VNT
SYNC Input Negative Threshold
q
– 2.2
–1.6
–1
V
ISYNC
SYNC Input Current
VSYNC = ±10V
q
150
µA
fSYNC
SYNC Frequency Range
CFG = CCG = 1000pF, VSYNC = ±5V
q
50
400
kHz
td
SYNC Input to Driver Output Delay
CFG = CCG = 1000pF, fSYNC = 100kHz, VSYNC = ±5V
q
40
90
ns
tSYNC
Minimum SYNC Pulse Width
fSYNC = 100kHz, VSYNC = ±10V (Note 6)
q
75
ns
tr, tf
Driver Rise and Fall Time
CFG = CCG = 1000pF, fSYNC = 100kHz, VSYNC = ±5V,
q
10
40
ns
10% to 90%
tDDIS
Driver Disable Time-Out
CFG = CCG = 1000pF, fSYNC = 100kHz, VSYNC = ±5V
Measured from CG
↑ (Note 10)
q
10
15
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com