Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 8Page - Linear Technology LTC1698IGN Datasheet HTML 9Page - Linear Technology LTC1698IGN Datasheet HTML 10Page - Linear Technology LTC1698IGN Datasheet HTML 11Page - Linear Technology LTC1698IGN Datasheet HTML 12Page - Linear Technology LTC1698IGN Datasheet HTML 13Page - Linear Technology LTC1698IGN Datasheet HTML 14Page - Linear Technology LTC1698IGN Datasheet HTML 15Page - Linear Technology LTC1698IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1698
1698f
MARGIN Adjustment
The MARGIN input is used for adjusting the programmed
output voltage linearly by varying the current flowing into
and out of the pin. Forcing 100
µA into the pin moves the
output voltage 5% higher. Forcing 100
µA out of the pin
moves the output voltage 5% lower. With the MARGIN pin
floating, the VFB pin is regulated to the bandgap voltage of
1.233V. The MARGIN pin is a high impedance input. It is
important to keep this pin away from any noise source like
the inductor switching node. Any stray signal coupled to
the MARGIN pin can affect the switching regulator output
voltage.
This pin is internally connected to a 16.5k resistor that
feeds the I-V converter. The I-V converter output linearly
controls the error amplifier offset voltage. The input of the
I-V converter is biased at 1.65V. This allows the
±100µA
current to be obtained by connecting the MARGIN pin to
the VAUX 3.3V supply (+ 5%) or GND (– 5%). For output
voltage adjustment smaller than
±5%, an external resistor
REXT as shown in Figure 6 is added in series with the
internal resistor to lower the current flowing into or out of
the MARGIN pin. The value of REXT is calculated as follow:
R
REQUIRED
k
EXT =


5
116 5
%
%
–•
.
VFB loop causes the error amplifier to drive the OPTODRV
pin low, forcing the primary controller to increase the duty
cycle. This causes the output voltage to increase to a
dangerously high level. To eliminate this fault condition,
the OVP comparator monitors the output voltage with a
resistive divider at OVPIN. A voltage at OVPIN higher than
the VREF potential forces the OPTODRV pin high and
reduces the duty cycle, thus preventing the output voltage
from increasing further.
The OVPIN senses the output voltage through a resistor
divider network (R4 and R5 in Figure 1). The divider is
ratioed such that the voltage at OVPIN equals 1.233V when
the output voltage rises to the overvoltage level. The
overvoltage level is set following the relation:
VOVERVOLTAGE = 1.233 • (1 + R5/R4)
The OVP comparator is designed to respond quickly to an
overvoltage condition. A small capacitor from OVPIN to
ground keeps any noise spikes from coupling to the OVP
pin. This simple RC filter prevents a momentary overshoot
from triggering the OVP comparator.
The OVP comparator threshold is independent of the
potential at the MARGIN pin. If the OVP function is not
used, connect OVPIN to ground.
Power Good
The PWRGD pin is an open-drain output for power good
indication. PWRGD floats if VFB is above 94% of the
nominal value for more than 2ms. An external pull-up
resistor is required for PWRGD to swing high. PWRGD
pulls low if VFB drops below 94% of the nominal value for
more than 1ms. The PWRGD threshold is referenced to the
1.233V bandgap voltage, which remains unchanged if the
MARGIN pin is exercised.
Opto Feedback and Frequency Compensation
For a forward converter to obtain good load and line
regulation, the output voltage must be sensed and com-
pared to an accurate reference potential. Any error voltage
must be amplified and fed back to the supply’s control
circuitry where the sensed error can be corrected. In an
isolated supply, the control circuitry is frequently located
on the primary. The output error signal in this type of
7
I-V CONVERTER
RMARGIN
REXT
(OPTIONAL)
REDUCE
VFB
INCREASE
VFB
MARGIN
14
BANDGAP
AUX GEN
VDD
VAUX
3.3V
VAUX
0.1
µF
VREF
±5% VREF
–
+
ERR
VFB
VCOMP
1698 F06
8
6
APPLICATIO S I FOR ATIO
Figure 6. Output Voltage Adjustment
Overvoltage Function
The OVPIN is used for overvoltage protection and is
designed to protect against an open VFB loop. Opening the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com