Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1698IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1698IGN
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1698IGN Datasheet HTML 6Page - Linear Technology LTC1698IGN Datasheet HTML 7Page - Linear Technology LTC1698IGN Datasheet HTML 8Page - Linear Technology LTC1698IGN Datasheet HTML 9Page - Linear Technology LTC1698IGN Datasheet HTML 10Page - Linear Technology LTC1698IGN Datasheet HTML 11Page - Linear Technology LTC1698IGN Datasheet HTML 12Page - Linear Technology LTC1698IGN Datasheet HTML 13Page - Linear Technology LTC1698IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1698
1698f
APPLICATIO S I FOR ATIO
Undervoltage Lockout
In UVLO (low VDD voltage) the drivers FG and CG are shut
off and the pins OPTODRV, VAUX, PWRGD and ICOMP are
forced low. The LTC1698 allows the bandgap and the
internal bias currents to reach their steady-state values
before releasing UVLO. Typically, this happens when VDD
reaches approximately 4.0V. Beyond this threshold, the
drivers start switching. The OPTODRV, VAUX, PWRGD and
ICOMP pins return to their normal values and the chip is
fully functional. However, if the VDD voltage is less than 7V,
the OPTODRV and VAUX current sourcing capabilities are
limited. See the OPTO driver graphs in the Typical Perfor-
mance Characteristics section.
VDD Regulator
The bias supply for the LTC1698 is generated by peak
rectifying the isolated transformer secondary winding. As
shown in Figure 2, the zener diode Z1 is connected from
base of Q5 to ground such that the emitter of Q5 is
regulated to one diode drop below the zener voltage. RZ is
selected to bring Z1 into conduction and also provide base
current to Q5. A resistor (on the order of a few hundred
ohms), in series with the base of Q5, may be required to
surpress high frequency oscillations depending on Q5’s
selection. A power MOSFET can also be used by increasing
the zener diode value to offset the drop of the gate-to-
source voltage. VDD supply current varies linearly with the
supply voltage, driver load and clock frequency. A 4.7
µF
bypass capacitor for the VDD supply is sufficient for most
applications. This capacitor must be large enough to
provide a stable DC voltage to meet the LTC1698 VDD
supply requirement. Under start-up conditions, it must be
small enough to power up instantaneously, enabling the
LTC1698 to regulate the feedback loop. Using a larger
capacitor requires evaluation of the start-up performance.
SYNC Input
Figure 3 shows the synchronous forward converter appli-
cation. The primary controller LT3781 runs at a fixed
frequency and controls MOSFETs Q1 and Q2. The second-
ary controller LTC1698 controls MOSFETs Q3 and Q4. An
inexpensive, small-size pulse transformer T2 synchro-
nizes the primary and the secondary controllers. Figure 4
shows the pulse transformer timing waveforms. When the
LT3781 synchronization output SG goes low, MOSFET
VSECONDARY
1
Ω
D3
RZ
2k
RB*
*RB IS OPTIONAL, SEE TEXT
Z1
10V
Q5
FZT690
0.47
µF
4.7
µF
1698 F02
VDD
Figure 2. VDD Regulator
••
••
D2
T1
T2
VIN
D1
Q1
Q2
Q3
Q4
PRIMARY
CONTROLLER
LT3781
TG
BG
SG
SECONDARY
CONTROLLER
LTC1698
CG
L1
COUT
VOUT
FG SYNC
CSG
ISOLATION BARRIER
SECONDARY
PRIMARY
CSYNC
RSYNC
1698 F03
Figure 3. Synchronization Using Pulse Transformer
TG
BG
SG
SYNC
FG
CG
1698 F04
Figure 4. Primary Side and Secondary Side
Synchronization Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com