Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 34 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 30Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 31Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 32Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 33Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 34Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 35Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 36Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 37Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
34
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
The Basic Mode Control Register (BMCR) at address 00h provides control for enabling, disabling, and
restarting the Auto-Negotiation process. When Auto-Negotiation is disabled, the Speed Selection bit in the
BMCR controls switching between 10-Mbps or 100-Mbps operation, and the Duplex Mode bit controls
switching between full duplex operation and half duplex operation. The Speed Selection and Duplex Mode
bits have no effect on the mode of operation when the Auto-Negotiation Enable bit is set.
The Link Speed can be examined through the PHY Status Register (PHYSTS) at address 10h after a Link
is achieved.
The Basic Mode Status Register (BMSR) indicates the set of available abilities for technology types, Auto-
Negotiation ability, and Extended Register Capability. These bits are permanently set to indicate the full
functionality of the DP83848-EP (only the 100BASE-T4 bit is not set because the DP83848-EP does not
support that function).
The BMSR also provides status on:
•
Whether or not Auto-Negotiation is complete
•
Whether or not the Link Partner is advertising that a remote fault has occurred
•
Whether or not valid link has been established
•
Support for Management Frame Preamble suppression
The Auto-Negotiation Advertisement Register (ANAR) indicates the Auto-Negotiation abilities to be
advertised by the DP83848-EP. All available abilities are transmitted by default, but any ability can be
suppressed by writing to the ANAR. Updating the ANAR to suppress an ability is one way for a
management agent to change (restrict) the technology that is used.
The Auto-Negotiation Link Partner Ability Register (ANLPAR) at address 0x05h is used to receive the
base link code word as well as all next page code words during the negotiation. Furthermore, the ANLPAR
will be updated to either 0081h or 0021h for parallel detection to either 100 Mbps or 10 Mbps,
respectively.
The Auto-Negotiation Expansion Register (ANER) indicates additional Auto-Negotiation status. The ANER
provides status on:
•
Whether or not a Parallel Detect Fault has occurred
•
Whether or not the Link Partner supports the Next Page function
•
Whether or not the DP83848-EP supports the Next Page function
•
Whether or not the current page being exchanged by Auto-Negotiation has been received
•
Whether or not the Link Partner supports Auto-Negotiation
5.3.1.3
Auto-Negotiation Parallel Detection
The DP83848-EP supports the Parallel Detection function as defined in the IEEE 802.3u specification.
Parallel Detection requires both the 10 Mbps and 100 Mbps receivers to monitor the receive signal and
report link status to the Auto-Negotiation function. Auto-Negotiation uses this information to configure the
correct technology in the event that the Link Partner does not support Auto-Negotiation but is transmitting
link signals that the 100BASE-TX or 10BASE-T PMAs recognize as valid link signals.
If the DP83848-EP completes Auto-Negotiation as a result of Parallel Detection, bits 5 and 7 within the
ANLPAR register will be set to reflect the mode of operation present in the Link Partner. Note that bits 4:0
of the ANLPAR will also be set to 00001 based on a successful parallel detection to indicate a valid 802.3
selector field. Software may determine that negotiation completed via Parallel Detection by reading a zero
in the Link Partner Auto-Negotiation Able bit once the Auto-Negotiation Complete bit is set. If configured
for parallel detect mode and any condition other than a single good link occurs then the parallel detect
fault bit will be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com